Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7506-55A Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BUK7506-55A
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7506-55A Fiches technique(HTML) 4 Page - NXP Semiconductors

  BUK7506-55A_15 Datasheet HTML 1Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 2Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 3Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 4Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 5Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK7506-55A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BUK7506-55A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 03 — 2 February 2011
4 of 13
NXP Semiconductors
BUK7506-55A
N-channel TrenchMOS standard level FET
5.
Thermal characteristics
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
03nf32
1
10
102
103
1
10
102
VDS (V)
ID
(A)
D.C.
100 ms
10 ms
RDSon = VDS / ID
1 ms
tp = 10 μs
100
μs
Capped at 75 A due to package
tp
tp
T
P
t
T
δ =
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from
junction to mounting base
see Figure 4
--0.5
K/W
Rth(j-a)
thermal resistance from
junction to ambient
vertical in still air
-
60
-
K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
03nf33
Single Shot
0.2
0.1
0.05
0.02
10−3
10−2
10−1
1
10−6
10−5
10−4
10−3
10−2
10−1
1
tp (s)
Zth(j-mb)
(K/W)
δ = 0.5
tp
tp
T
P
t
T
δ =


Numéro de pièce similaire - BUK7506-55A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7506-55A NXP-BUK7506-55A Datasheet
345Kb / 15P
   TrenchMOS standard level FET
Rev. 02-03 July 2001
logo
Inchange Semiconductor ...
BUK7506-55A ISC-BUK7506-55A Datasheet
380Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7506-55A NEXPERIA-BUK7506-55A Datasheet
985Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 03 - 2 February 2011
More results

Description similaire - BUK7506-55A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com