Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28430CVZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL28430CVZ
Description  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28430CVZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL28430CVZ Datasheet HTML 2Page - Intersil Corporation ISL28430CVZ Datasheet HTML 3Page - Intersil Corporation ISL28430CVZ Datasheet HTML 4Page - Intersil Corporation ISL28430CVZ Datasheet HTML 5Page - Intersil Corporation ISL28430CVZ Datasheet HTML 6Page - Intersil Corporation ISL28430CVZ Datasheet HTML 7Page - Intersil Corporation ISL28430CVZ Datasheet HTML 8Page - Intersil Corporation ISL28430CVZ Datasheet HTML 9Page - Intersil Corporation ISL28430CVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL28130, ISL28230, ISL28430
6
FN7623.7
February 13, 2014
AOL
Open Loop Gain
RL = 1MΩ
150
dB
V+
Supply Voltage
Guaranteed by VOS
1.8
5.5
V
IS
Supply Current, Per Amplifier
RL = OPEN
20
25
µA
35
µA
ISC+
Output Source Short Circuit Current
RL = Short V-
15
mA
ISC-
Output Sink Short Circuit Current
RL = Short V+
-15
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
AV = 100, RF = 100kΩRG =1kΩ,
RL = 10kΩto VCM
400
kHz
eN VP-P
Peak-to-Peak Input Noise Voltage
f = 0.01Hz to 10Hz
1.1
µVP-P
eN
Input Noise Voltage Density
f = 1kHz
65
nV/
(Hz)
iN
Input Noise Current Density
f = 1kHz
72
fA/
(Hz)
f = 10Hz
80
fA/
(Hz)
Cin
Differential Input Capacitance
f = 1MHz
1.6
pF
Common Mode Input Capacitance
1.12
pF
TRANSIENT RESPONSE
SR
Positive Slew Rate
VOUT = 1V to 4V, RL = 10kΩ
0.2
V/µs
Negative Slew Rate
0.1
V/µs
tr, tf, Small Signal
Rise Time, tr 10% to 90%
AV = +1, VOUT = 0.1VP-P RF = 0Ω,
RL = 10kΩ,CL =1.2pF
1.1
µs
Fall Time, tf 10% to 90%
1.1
µs
tr, tf Large Signal
Rise Time, tr 10% to 90%
AV = +1, VOUT = 2VP-P RF =0Ω,
RL = 10kΩ, CL =1.2pF
20
µs
Fall Time, tf 10% to 90%
30
µs
ts
Settling Time to 0.1%, 2VP-P Step
AV = +1, RF = 0Ω,RL =10kΩ,
CL = 1.2pF
35
µs
trecover
Output Overload Recovery Time, Recovery to
90% of Output Saturation
AV = +2, RF = 10kΩ, RL =Open
CL = 3.7pF
10.5
µs
NOTE:
10. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits apply over the
entire operating temperature range.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT


Numéro de pièce similaire - ISL28430CVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28430CVZ INTERSIL-ISL28430CVZ Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28430CVZ INTERSIL-ISL28430CVZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28430CVZ RENESAS-ISL28430CVZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28430CVZ-T13 INTERSIL-ISL28430CVZ-T13 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28430CVZ-T7A INTERSIL-ISL28430CVZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Description similaire - ISL28430CVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com