Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL24212IRTZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL24212IRTZ
Description  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24212IRTZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL24212IRTZ Datasheet HTML 2Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 3Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 9Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL24212
6
FN7590.0
March 15, 2011
Application Information
LCD panels have a VCOM (common voltage) that must be precisely
set to minimize flicker. Figure 3 shows a typical VCOM adjustment
circuit using a mechanical potentiometer, and the equivalent
circuit replacement using the ISL24212. Having a digital counter
interface enables automatic, digital flicker minimization during
production test and alignment. After programming, the counter
interface is no longer needed - the ISL24212 automatically powers
up with the correct VCOM voltage programmed previously.
The ISL24212 uses a digitally controllable potentiometer (DCP),
with 256 steps of resolution (see Figure 4) to change the current
drawn at the DVR_OUT pin, which then changes the voltage
created by the R1 - R2 resistor divider (see Figure 5). The DVR_OUT
voltage is then buffered by A2 to generate a buffered output voltage
at the VCOM_OUT pin, capable of directly driving the VCOM input of
an LCD panel. The amount of current sunk is controlled by the
setting of the DCP, which is recalled at power-up from the
ISL24212’s internal EEPROM. The EEPROM is typically
programmed during panel manufacture. As noted in the
“Electrical Specifications” on page 4, the ISL24212 requires a
minimum AVDD voltage of 10.8V for EEPROM programming, but
will work in normal operation down to 4.5V after the EEPROM
has been programmed, with no additional EEPROM writing.
DCP (Digitally Controllable Potentiometer)
The DCP controls the voltage that ultimately controls the SET
current. Figure 4 shows the relationship between the register
value and the DCP’s tap position. Note that a register value of 0
selects the first step of the resistor string. The output voltage of
the DCP is given in Equation 1:
Output Current Sink
Figure 5 shows the schematic of the DVR_OUT current sink. The
combination of amplifier A1, transistor Q1, and resistor RSET
forms a voltage-controlled current source, with the voltage
determined by the DCP setting.
The external RSET resistor sets the full-scale (maximum) sink current
that can be pulled from the DVR_OUT node. The relationship
between IDVR_OUT and Register Value is shown in Equation 2.
FIGURE 3. MECHANICAL ADJUSTMENT REPLACEMENT
DVR_OUT
SET
ISL24212
R1
R2
AVDD
AVDD
VCOM
IOUT
VDD
RSET
RA
RC
AVDD
VCOM
RB
R1 = RA
R2 = RB+RC
RSET = RARB + RARC
20RB
INN
VCOM_OUT
VDCP
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
=
(EQ. 1)
FIGURE 4. SIMPLIFIED SCHEMATIC OF DCP
AVDD
19R
R
0
1
2
255
254
253
252
251
REGISTER
VALUE
AVDD
20
VDCP
FIGURE 5. CURRENT SINK CIRCUIT
AVDD
RSET
VDCP
SET
DVR_OUT
AVDD
IOUT
R1
R2
VSAT
VSET = VDCP = IOUT * RSET
Q1
A1
VOUT
VCOM_OUT
INN
GND
A2
IDVR_OUT
IDVROUT
VDCP
RSET
-------------
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
1
RSET
-------------
⎝⎠
⎛⎞
==
(EQ. 2)


Numéro de pièce similaire - ISL24212IRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ RENESAS-ISL24212IRTZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212IRTZ-EVALZ INTERSIL-ISL24212IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ-EVALZ RENESAS-ISL24212IRTZ-EVALZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Description similaire - ISL24212IRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com