Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA03-11SURKWA Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce SA03-11SURKWA
Description  Excellent character appearance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA03-11SURKWA Fiches technique(HTML) 1 Page - Kingbright Corporation

  SA03-11SURKWA Datasheet HTML 1Page - Kingbright Corporation SA03-11SURKWA Datasheet HTML 2Page - Kingbright Corporation SA03-11SURKWA Datasheet HTML 3Page - Kingbright Corporation SA03-11SURKWA Datasheet HTML 4Page - Kingbright Corporation SA03-11SURKWA Datasheet HTML 5Page - Kingbright Corporation SA03-11SURKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8391
REV NO: V.2A
DATE: MAR/27/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301001716
7.62mm (0.3INCH) SINGLE DIGIT
NUMERIC DISPLAY
Part Number: SA03-11SURKWA
Hyper Red
Features
0.3 inch digit height.
Excellent character appearance.
Easy mounting on P.C. boards or sockets.
Mechanically rugged.
Standard : gray face,white segment.
RoHS compliant.
Description
The Hyper Red source color devices are made with Al-
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Numéro de pièce similaire - SA03-11SURKWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
SA03-11SRWA KINGBRIGHT-SA03-11SRWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA03-11SRWA KINGBRIGHT-SA03-11SRWA Datasheet
182Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11SYKWA KINGBRIGHT-SA03-11SYKWA Datasheet
369Kb / 6P
   Excellent character appearance
More results

Description similaire - SA03-11SURKWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
SA03-11SYKWA KINGBRIGHT-SA03-11SYKWA Datasheet
369Kb / 6P
   Excellent character appearance
ACDA56-51SURKWA KINGBRIGHT-ACDA56-51SURKWA Datasheet
270Kb / 5P
   Excellent character appearance
ACSA56-51CGKWA KINGBRIGHT-ACSA56-51CGKWA Datasheet
217Kb / 5P
   Excellent character appearance
ACSA56-51SYKWA KINGBRIGHT-ACSA56-51SYKWA Datasheet
216Kb / 5P
   Excellent character appearance
logo
BetLux Electronics
BL-D30A-22 BETLUX-BL-D30A-22 Datasheet
312Kb / 5P
   Excellent character appearance
logo
Kingbright Corporation
ACDA56-51SYKWA KINGBRIGHT-ACDA56-51SYKWA Datasheet
240Kb / 5P
   Excellent character appearance
logo
BetLux Electronics
BL-D30C-21 BETLUX-BL-D30C-21 Datasheet
316Kb / 5P
   Excellent character appearance
logo
Kingbright Corporation
ACSA56-51SURKWA KINGBRIGHT-ACSA56-51SURKWA Datasheet
218Kb / 5P
   Excellent character appearance
ACDC56-41ZGKWA-F01 KINGBRIGHT-ACDC56-41ZGKWA-F01 Datasheet
223Kb / 5P
   Excellent character appearance
logo
Lite-On Technology Corp...
LTC-5837G LITEON-LTC-5837G Datasheet
149Kb / 5P
   EXCELLENT CHARACTERS APPEARANCE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com