Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA03-11CGKWA Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce SA03-11CGKWA
Description  Mechanically rugged
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA03-11CGKWA Fiches technique(HTML) 1 Page - Kingbright Corporation

  SA03-11CGKWA Datasheet HTML 1Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 2Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 3Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 4Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 5Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8390
REV NO: V.2A
DATE: MAR/28/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301003037
7.62mm (0.3INCH) SINGLE DIGIT
NUMERIC DISPLAY
Part Number: SA03-11CGKWA
Green
Features
0.3 inch digit height.
Excellent character appearance.
Easy mounting on P.C. boards or sockets.
Mechanically rugged.
Standard : gray face,white segment.
RoHS compliant.
Description
The Green source color devices are made with AlGaInP on
GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Numéro de pièce similaire - SA03-11CGKWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
162Kb / 3P
   Standard-Displays
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11EWA KINGBRIGHT-SA03-11EWA_07 Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11GWA KINGBRIGHT-SA03-11GWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Description similaire - SA03-11CGKWA

FabricantNo de pièceFiches techniqueDescription
logo
Taoglas antenna solutio...
TLS.01.1F11 TAOGLAS-TLS.01.1F11 Datasheet
8Mb / 19P
   Mechanically robust for indoor
logo
Data Delay Devices, Inc...
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
logo
Taoglas antenna solutio...
TLS.01.305721 TAOGLAS-TLS.01.305721 Datasheet
3Mb / 23P
   Mechanically robust for indoor
TLS.01.1F21 TAOGLAS-TLS.01.1F21 Datasheet
10Mb / 19P
   Mechanically robust for indoor
logo
Data Delay Devices, Inc...
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE
1503 DATADELAY-1503 Datasheet
238Kb / 3P
   MECHANICALLY VARIABLE DELAY LINE
logo
Banner Engineering Corp...
Q2XAPAF150-2M BANNER-Q2XAPAF150-2M Datasheet
1Mb / 8P
   Q2X Mechanically Adjustable Background
14 October 2021
logo
Kingbright Corporation
APT2012SF4C-PRV KINGBRIGHT-APT2012SF4C-PRV Datasheet
231Kb / 5P
   Mechanically and spectrally matched to the phototransistor
logo
Data Delay Devices, Inc...
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
logo
Taoglas antenna solutio...
TLS.01.305111 TAOGLAS-TLS.01.305111 Datasheet
3Mb / 22P
   Mechanically robust for indoor/outdoor applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com