Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX10EXA Fiches technique(PDF) 5 Page - Macronix International

No de pièce MX10EXA
Description  XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCNIX [Macronix International]
Site Internet  http://www.macronix.com
Logo MCNIX - Macronix International

MX10EXA Fiches technique(HTML) 5 Page - Macronix International

  MX10EXA Datasheet HTML 1Page - Macronix International MX10EXA Datasheet HTML 2Page - Macronix International MX10EXA Datasheet HTML 3Page - Macronix International MX10EXA Datasheet HTML 4Page - Macronix International MX10EXA Datasheet HTML 5Page - Macronix International MX10EXA Datasheet HTML 6Page - Macronix International MX10EXA Datasheet HTML 7Page - Macronix International MX10EXA Datasheet HTML 8Page - Macronix International MX10EXA Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
5
P/N:PM0625 Specifications subject to change without notice, contact your sales representatives for the most update information. REV. 1.0, JUL. 01, 2005
MX10EXA
MNEMONIC
PIN. NO.
TYPE
NAME AND FUNCTION
PLCC
LQFP
P3.0-P3.7
11,13-19
5,7-13
I/O
Port 3: Port 3 is an 8-bit I/O port with a user configurable output type.
Port 3 latches have 1s written to them and are configured in the quasi-
bidirectional mode during reset. the operation of port 3 pins as inputs
and outputs depends upon the port configuration selected. Each port
pin is configured independently. Refer to the section on I/O port con-
figuration and the DC Electrical Characteristics for details.
Port 3 also provides various special functions as described below.
11
5
I
RxD0 (P3.0): Receiver input for serial port 0.
13
7
O
TxD0 (P3.1): Transmitter output for serial port 0.
14
8
I
INT0 (P3.2): External interrupt 0 input.
15
9
I
INT1 (P3.3): External interrupt 1 input.
16
10
I/O
T0 (P3.4): Timer 0 external input, or timer 0 overflow output.
17
11
I/O
T1/BUSW (P3.5): Timer 1 external input, or timer 1 overflow output.
The value on this pin is latched as the external reset input is released
and defines the default external data bus width (BUSW). 0 = 8-bit bus
and 1 = 16-bit bus.
18
12
O
WRL (P3.6): External data memory low byte write strobe.
19
13
O
RD (P3.7): External data memory read strobe.
RST
10
4
I
Reset: A low on this pin resets the microcontroller, causing I/O ports
and peripherals to take on their default states, and the processor to
begin execution at the address contained in the reset vector. Refer to
the section on Reset for details.
ALE
33
27
I/O
Address Latch Enable: A high output on the ALE pin signals external
circuitry to latch the address portion of the multiplexed address/data
bus. A pulse on ALE occurs only when it is needed in order to process
a bus cycle.
PSEN
32
26
O
Program Store Enable: The read strobe for external program memory.
When the microcontroller accesses external program memory, PSEN
is driven low in order to enable memory devices. PSEN is only active
when external code accesses are performed.
EA/WAIT
35
29
I
External Access/Wait/Programming Supply Voltage: The EA input
/VPP
determines whether the internal program memory of the microcontroller
is used for code execution. The value on the EA pin is latched as the
external reset input is released and applies during later execution. When
latched as a 0, external program memory is used exclusively, when
latched as a 1, internal program memory will be used up to its limit, and
external program memory used above that point. After reset is released,
this pin takes on the function of bus Wait input. If Wait is asserted high
during any external bus access, that cycle will be extended until Wait
is released. During EPROM programming, this pin is also the program-
ming supply voltage input.
XTAL1
21
15
I
Crystal 1: Input to the inverting amplifier used in the oscillator circuit
and input to the internal clock generator circuits.
XTAL2
20
14
O
Crystal 2: Output from the oscillator amplifier.


Numéro de pièce similaire - MX10EXA

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050I MCNIX-MX10E8050I Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IA MCNIX-MX10E8050IA Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IAQC MCNIX-MX10E8050IAQC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IPC MCNIX-MX10E8050IPC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
More results

Description similaire - MX10EXA

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55