Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28533FVZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL28533FVZ
Description  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28533FVZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL28533FVZ Datasheet HTML 2Page - Intersil Corporation ISL28533FVZ Datasheet HTML 3Page - Intersil Corporation ISL28533FVZ Datasheet HTML 4Page - Intersil Corporation ISL28533FVZ Datasheet HTML 5Page - Intersil Corporation ISL28533FVZ Datasheet HTML 6Page - Intersil Corporation ISL28533FVZ Datasheet HTML 7Page - Intersil Corporation ISL28533FVZ Datasheet HTML 8Page - Intersil Corporation ISL28533FVZ Datasheet HTML 9Page - Intersil Corporation ISL28533FVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
6
FN8364.1
November 22, 2013
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage VIN to GND . . . . . . . . . . . . . . . . . . ((V-) - 0.3V) to ((V+) + 0.3V)
Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Output Current IOUT (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±40mA
Latch-Up
Class 2 Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
14 LD TSSOP (Notes 4, 5) . . . . . . . . . . . . . .
92
30
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +140°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 2.5V (±1.25V) to 5.5V (±2.75V)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications V+ = 5V, V- = 0V, VIN+ = VIN- = VREF = 2.5V, TA = +25°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
POWER SUPPLY DC SPECIFICATIONS
VS
Supply Voltage
VS = (V+) - (V-)
2.5
-
5.5
V
IS
Supply Current
VS = 5V
ISL2853X, RL = OPEN
-
2.9
3.4
mA
-
-
3.5
mA
ISL2863X, RL = OPEN
-
3
3.5
mA
-
-
3.6
mA
5V DC SPECIFICATIONS INSTRUMENTATION AMPLIFIER
VOS, I
Input Stage Offset Voltage
+25°C
-5
±0.6
5
µV
-40°C to +85°C
-9
-
9
µV
-40°C to +125°C
-10
-
10
µV
TCVOS, I
Input Stage Offset Voltage Temperature
Coefficient
-40°C to +125°C
-50
±5
50
nV/°C
VOS, O
Output Stage Offset Voltage
+25°C
-15
±2
15
µV
-40°C to +85°C
-45
-
45
µV
-40°C to +125°C
-65
-
65
µV
TCVOS, O
Output Stage Offset Voltage
Temperature Coefficient
-40°C to +125°C
-0.5
±0.15
0.5
µV/°C
IB
Input Bias Current
+25°C
-400
±50
400
pA
-40°C to +85°C
-400
-
400
pA
-40°C to +125°C
-1
-
1
nA
IOS
Input Offset Current
+25°C
-300
±50
300
pA
-40°C to +85°C
-350
-
350
pA
-40°C to +125°C
-1
-
1
nA
ZIN
Input Impedance
Common Mode
-
10
-
GΩ
-5
-
pF


Numéro de pièce similaire - ISL28533FVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28533FVZ INTERSIL-ISL28533FVZ Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28533FVZ RENESAS-ISL28533FVZ Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

Description similaire - ISL28533FVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28533 INTERSIL-ISL28533 Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com