Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28207FBZ Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL28207FBZ
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FBZ Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL28207FBZ Datasheet HTML 1Page - Intersil Corporation ISL28207FBZ Datasheet HTML 2Page - Intersil Corporation ISL28207FBZ Datasheet HTML 3Page - Intersil Corporation ISL28207FBZ Datasheet HTML 4Page - Intersil Corporation ISL28207FBZ Datasheet HTML 5Page - Intersil Corporation ISL28207FBZ Datasheet HTML 6Page - Intersil Corporation ISL28207FBZ Datasheet HTML 7Page - Intersil Corporation ISL28207FBZ Datasheet HTML 8Page - Intersil Corporation ISL28207FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
DATASHEET
Precision Single, Dual and Quad Low Noise Operational
Amplifiers
ISL28107, ISL28207, ISL28407
The ISL28107, ISL28207 and ISL28407 are single, dual and
quad amplifiers featuring low noise, low input bias current,
and low offset and temperature drift. This makes them the
ideal choice for applications requiring both high DC accuracy
and AC performance. The combination of precision, low noise,
and small footprint provides the user with outstanding value
and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28107 is available in 8 Ld SOIC, MSOP and TDFN
packages. The ISL28207 is available in 8 Ld SOIC, MSOP and
TDFN packages. The ISL28407 is available in a 14 Ld SOIC
package. All devices are offered in standard pin configurations
and operate over the extended temperature range of -40°C to
+125°C.
Applications
• Precision instruments
• Medical instrumentation
• Spectral analysis equipment
• Active filter blocks
• Microphone pre-amplifier
• Thermocouples and RTD reference buffers
• Data acquisition
• Power supply control
Features
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75µV Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15pA
• Superb temperature drift
- Voltage offset . . . . . . . . . . . . . . . . . . . . . . . 0.65µV/°C Max.
- Input current . . . . . . . . . . . . . . . . . . . . . . . . . .0.9pA/°C Max.
• Outstanding ESD performance
- Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5kV
- Machine Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
- Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV
• Very low voltage noise, 10Hz . . . . . . . . . . . . . . . . . . 14nV/
Hz
• Low current consumption (per amp) . . . . . . . . . 0.29mA Max.
• Gain-bandwidth product . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• No phase reversal
• Pb-free (RoHS compliant)
Related Literature
• See AN1508 “ISL281X7SOICEVAL1Z Evaluation Board
User’s Guide”
• See AN1509 “ISL282X7SOICEVAL2Z Evaluation Board
User’s Guide”
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. INPUT NOISE VOLTAGE SPECTRAL DENSITY
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
SALLEN-KEY LOW PASS FILTER (1kHz)
VIN
19.1k
48.7k
3.3nF
8.2nF
FREQUENCY (Hz)
10
100
1000
0.1
1
10
100
1k
10k
100k
V+ = ±19V
AV = 1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2009-2013, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
September 29, 2015
FN6631.8


Numéro de pièce similaire - ISL28207FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ INTERSIL-ISL28207FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Description similaire - ISL28207FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com