Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28022EV1Z Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL28022EV1Z
Description  Precision Digital Power Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022EV1Z Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL28022EV1Z Datasheet HTML 4Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 5Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 6Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 7Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 8Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 9Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 10Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 11Page - Intersil Corporation ISL28022EV1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ISL28022
8
FN8386.7
October 2, 2015
Submit Document Feedback
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VCC window, to SCL rising edge
crossing 30% of VCC.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 30%
of VCC to SDA entering the 30% to
70% of VCC window.
20
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of
VCC, to SDA rising edge crossing 30%
of VCC.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL falling
edge. Both crossing 70% of VCC.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30%
of VCC, until SDA enters the 30% to
70% of VCC window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VCC
20 + 0.1
x Cb
300
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VCC
20 + 0.1
x Cb
300
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
75
pF
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about
2kΩ~2.5kΩ.
For Cb = 40pF, max is about
15kΩ~20kΩ
1k
POWER SUPPLY
Operating Supply Voltage Range
3
5.5
V
ICCEXT
Power Supply Current On VCC Pin, Active
Mode
External power supply mode,
VCC = 5V
0.7
1.0
mA
ICCPD
Power Supply Current On VCC Pin,
Power-down Mode
External power supply mode,
VCC = 5V
515
µA
NOTE:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications TA = +25°C, VCC = 3.3, VINP = VBUS = 12V, VSENSE = VINP-VINM = 32mV, unless otherwise specified. All
voltages with respect to GND pin. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT


Numéro de pièce similaire - ISL28022EV1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28022EV1Z RENESAS-ISL28022EV1Z Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

Description similaire - ISL28022EV1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com