Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28022FUZ Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL28022FUZ
Description  Precision Digital Power Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FUZ Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL28022FUZ Datasheet HTML 6Page - Intersil Corporation ISL28022FUZ Datasheet HTML 7Page - Intersil Corporation ISL28022FUZ Datasheet HTML 8Page - Intersil Corporation ISL28022FUZ Datasheet HTML 9Page - Intersil Corporation ISL28022FUZ Datasheet HTML 10Page - Intersil Corporation ISL28022FUZ Datasheet HTML 11Page - Intersil Corporation ISL28022FUZ Datasheet HTML 12Page - Intersil Corporation ISL28022FUZ Datasheet HTML 13Page - Intersil Corporation ISL28022FUZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ISL28022
10
FN8386.7
October 2, 2015
Submit Document Feedback
FIGURE 9. VBUS MEASUREMENT ERROR vs VBUS (TA = +25°C)
FIGURE 10. VBUS MEASUREMENT ERROR vs TEMPERATURE
FIGURE 11. CMRR vs TEMPERATURE
FIGURE 12. SUPPLY CURRENT vs MODE vs TEMPERATURE
FIGURE 13. SUPPLY CURRENT vs MODE vs VCC
FIGURE 14. SUPPLY CURRENT vs MODE 0 vs TEMPERATURE
Typical Performance Curves T
A = +25°C, VCC = 3.3V, VINP = VBUS = 12V, S(B)ADC = 15;
unless otherwise specified. (Continued)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
8
16
24
32
40
48
56
64
VBUS (V)
VCC = 5.5V
VCC = 3.3V
VCC = 3V
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VCC = 5.5V
VCC = 3.3V
VCC = 3V
120
125
130
135
140
145
150
155
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VCC = 3V
VCC = 3.3V
VCC = 5V
VSHUNT (DCMV) = 0V TO 60V
SADC = 15
300
350
400
450
500
550
600
650
700
750
800
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
MODE = 7
MODE = 4
300
350
400
450
500
550
600
650
700
750
800
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
MODE = 7
MODE = 4
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)


Numéro de pièce similaire - ISL28022FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022FUZ RENESAS-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28022FUZ-T7AR5453 INTERSIL-ISL28022FUZ-T7AR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ-TR5453 INTERSIL-ISL28022FUZ-TR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZR5453 INTERSIL-ISL28022FUZR5453 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
More results

Description similaire - ISL28022FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com