Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD5V5U5ULC Fiches technique(PDF) 11 Page - Infineon Technologies AG

No de pièce ESD5V5U5ULC
Description  Ultra-low Capacitance ESD / Transient / Surge Protection Array
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V5U5ULC Fiches technique(HTML) 11 Page - Infineon Technologies AG

Back Button ESD5V5U5ULC_15 Datasheet HTML 7Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 8Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 9Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 10Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 11Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 12Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 13Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 14Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ESD5V5U5ULC
Characteristics
Final Data Sheet
11
Revision 1.3, 2015-07-16
Figure 9
TLP characteristic I/O to GND Note: [2]
Figure 10
TLP characteristic GND to I/O Note: [2]
Note: TLP parameter:
Z
0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP charactertistic between
I
PP1 = 10 A and IPP2 = 40 A. The
equivalent stress level
V
IEC according IEC 61000-4-2 (R = 330 Ω , C = 150 pF) is calculated at the broad
peak of the IEC waveform at
t = 30 ns with 2 A / kV
0
10
20
30
40
50
60
5
10
15
20
25
0
5
10
15
20
25
30
VTLP [V]
ESD5V5U5ULC
RDYN
RDYN=0.2Ω
0
10
20
30
40
50
60
5
10
15
20
25
0
5
10
15
20
25
30
VTLP [V]
ESD5V5U5ULC
RDYN
RDYN=0.3Ω


Numéro de pièce similaire - ESD5V5U5ULC_15

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
ESD5V5U5ULC TECHPUBLIC-ESD5V5U5ULC Datasheet
1Mb / 4P
   Low Capactitance 5-Line TVS Array
More results

Description similaire - ESD5V5U5ULC_15

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TVS3V3L4U INFINEON-TVS3V3L4U Datasheet
1Mb / 16P
   Low Capacitance ESD / Transient / Surge Protection Array
Revision 2.4, 2013-02-06
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com