Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD5V5U5ULC Fiches technique(PDF) 8 Page - Infineon Technologies AG

No de pièce ESD5V5U5ULC
Description  Ultra-low Capacitance ESD / Transient / Surge Protection Array
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V5U5ULC Fiches technique(HTML) 8 Page - Infineon Technologies AG

Back Button ESD5V5U5ULC_15 Datasheet HTML 4Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 5Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 6Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 7Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 8Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 9Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 10Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 11Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ESD5V5U5ULC
Characteristics
Final Data Sheet
8
Revision 1.3, 2015-07-16
2.2
Typical Characteristics at TA = 25 °C, unless otherwise specified
Figure 3
Line capacitance CL = f(VR) at f = 825 MHz
Figure 4
Line capacitance CL = f(f), VR = 0 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VR [V]
0
0.1
0.2
0.3
0.4
0.5
0.6
10
6
10
7
10
8
10
9
10
10
f [Hz]
I/O to GND
I/O to I/O


Numéro de pièce similaire - ESD5V5U5ULC_15

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
ESD5V5U5ULC TECHPUBLIC-ESD5V5U5ULC Datasheet
1Mb / 4P
   Low Capactitance 5-Line TVS Array
More results

Description similaire - ESD5V5U5ULC_15

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TVS3V3L4U INFINEON-TVS3V3L4U Datasheet
1Mb / 16P
   Low Capacitance ESD / Transient / Surge Protection Array
Revision 2.4, 2013-02-06
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com