Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD5V5U5ULC Fiches technique(PDF) 4 Page - Infineon Technologies AG

No de pièce ESD5V5U5ULC
Description  Ultra-low Capacitance ESD / Transient / Surge Protection Array
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V5U5ULC Fiches technique(HTML) 4 Page - Infineon Technologies AG

  ESD5V5U5ULC_15 Datasheet HTML 1Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 2Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 3Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 4Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 5Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 6Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 7Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 8Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ESD5V5U5ULC
Ultra-low Capacitance ESD / Transient / Surge Protection Array
Final Data Sheet
4
Revision 1.3, 2015-07-16
1
Ultra-low Capacitance ESD / Transient / Surge Protection Array
1.1
Features
ESD / Transient protection of high speed data lines exceeding
– IEC61000-4-2 (ESD): ±25 kV (air / contact)
– IEC61000-4-4 (EFT): ±2.5 kV / ±50 A (5/50 ns)
– IEC61000-4-5 (surge): ±6 A (8/20
μs)
Maximum working voltage: VRWM = 5.5 V
Extremely low capacitance CL = 0.45 pF I/O to GND (typical)
Very low dynamic resistance: RDYN I/O to GND = 0.2 Ω (typical)
Very low reverse clamping voltage: VCL = 9 V (typical) at IPP = 16 A
Protection of VBUS with one line freely selectable
Pb-free (RoHS compliant) package
1.2
Application Examples
Protection of all I/O and VBUS lines in dual USB2.0 ports
10/100/100 Ethernet
DVI, HDM, FireWire
1.3
Product Description
Figure 1
Pin Configuration and Schematic Diagram
Table 1
Ordering Information
Type
Package
Configuration
Marking code
ESD5V5U5ULC
SC74
5 lines, uni-directional
20
ESD5V5U5ULC_PinConf_and_SchematicDiag.vsd
SC74
Pin 2
Pin 3
Pin 6Pin 5Pin 4
Pin 1
a) Pin configuration
b) Schematic diagram
Pin 5
Pin 1
Pin 3
Pin 4
Pin 2
GND
Pin 6


Numéro de pièce similaire - ESD5V5U5ULC_15

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
ESD5V5U5ULC TECHPUBLIC-ESD5V5U5ULC Datasheet
1Mb / 4P
   Low Capactitance 5-Line TVS Array
More results

Description similaire - ESD5V5U5ULC_15

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TVS3V3L4U INFINEON-TVS3V3L4U Datasheet
1Mb / 16P
   Low Capacitance ESD / Transient / Surge Protection Array
Revision 2.4, 2013-02-06
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com