Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3358BGCZA80EP Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3358BGCZA80EP
Description  AM3358-EP Sitara??Processors
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM3358BGCZA80EP Fiches technique(HTML) 4 Page - Texas Instruments

  AM3358BGCZA80EP Datasheet HTML 1Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 2Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 3Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 4Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 5Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 6Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 7Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 8Page - Texas Instruments AM3358BGCZA80EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 231 page
background image
AM3358-EP
SLUSC35A – APRIL 2015 – REVISED APRIL 2015
www.ti.com
1.3
Description
The microprocessors, based on the ARM Cortex-A8 processor, are enhanced with image, graphics
processing, peripherals and industrial interface options such as PROFIBUS. The devices support high-
level operating systems (HLOS). Linux® and Android™ are available free of charge from TI.
The AM3358-EP microprocessor contains the subsystems shown in Figure 1-1 and a brief description of
each follows:
The microprocessor unit (MPU) subsystem is based on the ARM Cortex-A8 processor and the PowerVR
SGX™ Graphics Accelerator subsystem provides 3D graphics acceleration to support display and gaming
effects.
The Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem (PRU-ICSS) is
separate from the ARM core, allowing independent operation and clocking for greater efficiency and
flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols such as
PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, and others. Additionally, the
programmable nature of the PRU-ICSS, along with its access to pins, events and all system-on-chip (SoC)
resources, provides flexibility in implementing fast, real-time responses, specialized data handling
operations, custom peripheral interfaces, and in offloading tasks from the other processor cores of SoC.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AM3358BGCZA80EP
GCZ (324)
15.00 mm × 15.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
4
Device Summary
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3358-EP


Numéro de pièce similaire - AM3358BGCZA80EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3358BGCZA80EP TI1-AM3358BGCZA80EP Datasheet
2Mb / 239P
[Old version datasheet]   AM3358-EP Sitara??Processor
More results

Description similaire - AM3358BGCZA80EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3358-EP TI1-AM3358-EP_V01 Datasheet
2Mb / 239P
[Old version datasheet]   AM3358-EP Sitara??Processor
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com