Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6140CBZ Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL6140CBZ
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6140CBZ Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL6140CBZ Datasheet HTML 1Page - Intersil Corporation ISL6140CBZ Datasheet HTML 2Page - Intersil Corporation ISL6140CBZ Datasheet HTML 3Page - Intersil Corporation ISL6140CBZ Datasheet HTML 4Page - Intersil Corporation ISL6140CBZ Datasheet HTML 5Page - Intersil Corporation ISL6140CBZ Datasheet HTML 6Page - Intersil Corporation ISL6140CBZ Datasheet HTML 7Page - Intersil Corporation ISL6140CBZ Datasheet HTML 8Page - Intersil Corporation ISL6140CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2001, 2003, 2004, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Negative Voltage Hot Plug Controller
ISL6140, ISL6150
The ISL6140 is an 8 Ld, negative voltage hot plug
controller that allows a board to be safely inserted and
removed from a live backplane. Inrush current is limited
to a programmable value by controlling the gate voltage
of an external N-channel pass transistor. The pass
transistor is turned off if the input voltage is less than the
undervoltage threshold, or greater than the overvoltage
threshold. A programmable electronic circuit breaker
protects the system against shorts. The active low
PWRGD signal can be used to directly enable a power
module (with a low enable input)
The ISL6150 is the same part, but with an active high
PWRGD signal.
Features
• Low Side External NFET Switch
• Operates from -10V to -80V (-100V absolute max
rating) or +10V to +80V (+100V absolute max
rating)
• Programmable Inrush Current
• Programmable Electronic Circuit Breaker
(overcurrent shutdown)
• Programmable Overvoltage Protection
• Programmable Undervoltage Lockout
• Power Good Control Output
- PWRGD Active High: (H Version) ISL6150
- PWRGD active Low: (L Version) ISL6140
• Pb-free available (RoHS compliant)
Applications
• VoIP (Voice over Internet Protocol) Servers
• Telecom systems at -48V
• Negative Power Supply Control
• +24V Wireless Base Station Power
Related Literature
• ISL6140/50EVAL1 Board Set, AN9967
• ISL6116 Hot Plug Controller, FN9100
NOTE: See www.intersil.com/hotplug for more information.
Typical Application (RL and CL are the Load)
R5 = 9.09kΩ (1%)
R4 = 562kΩ (1%)
R6 = 10kΩ (1%)
C2 = 3.3nF (100V)
C1 = 150nF (25V)
Q1 = IRF530 (100V, 17A, 0.11Ω)
R2 = 10Ω (5%)
R1 = 0.02Ω (1%)
ISL6140
VDD
UV
OV
VEE SENSE GATE
DRAIN
PWRGD
R4
R5
R6
R1
R2
R3
C2
C1
Q1
CL
GND
GND
-48V IN
-48VOUT
RL
(LOAD)
R3 = 18kΩ (5%)
CL = 100µF (100V)
April 29, 2010
FN9039.4


Numéro de pièce similaire - ISL6140CBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140CBZ RENESAS-ISL6140CBZ Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140CBZ-T INTERSIL-ISL6140CBZ-T Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ-T INTERSIL-ISL6140CBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
More results

Description similaire - ISL6140CBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com