Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6140CBZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL6140CBZ
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6140CBZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL6140CBZ Datasheet HTML 1Page - Intersil Corporation ISL6140CBZ Datasheet HTML 2Page - Intersil Corporation ISL6140CBZ Datasheet HTML 3Page - Intersil Corporation ISL6140CBZ Datasheet HTML 4Page - Intersil Corporation ISL6140CBZ Datasheet HTML 5Page - Intersil Corporation ISL6140CBZ Datasheet HTML 6Page - Intersil Corporation ISL6140CBZ Datasheet HTML 7Page - Intersil Corporation ISL6140CBZ Datasheet HTML 8Page - Intersil Corporation ISL6140CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN9039.4
Pin Configuration
ISL6140, ISL6150
(8 LD SOIC)
TOP VIEW
ISL6140 has active Low (L version) PWRGD output pin
ISL6150 has active High (H version) PWRGD output pin
Pin Description
PWRGD (ISL6140; L Version) Pin 1
This digital output is an open-drain pull-down device.
The Power Good comparator looks at the DRAIN pin
voltage compared to the internal VPG reference (VPG is
nominal 1.7V); this essentially measures the voltage
drop across the external FET and sense resistor. If the
voltage drop is small (<1.7V is normal), the PWRGD
pin pulls low (to VEE); this can be used as an active
low enable for an external module. If the voltage drop
is too large (>1.7V indicates some kind of short or
overload condition), the pull-down device shuts off,
and the pin becomes high impedance. Typically, an
external pull-up of some kind is used to pull the pin
high (many brick regulators have a pull-up function
built in).
PWRGD (ISL6150; H Version) Pin 1
This digital output is a variation of an open-drain
pull-down device. The power good comparator is the
same as described above, but the polarity of the output
is reversed, as follows:
If the voltage drop across the FET is too large (>1.7V),
the open drain pull-down device will turn on, and sink
current to the DRAIN pin. If the voltage drop is small
(<1.7V), a 2nd pull-down device in series with a 6.2k
resistor (nominal) sinks current to VEE; if the external
pull-up current is low enough (<1mA, for example),
the voltage drop across the resistor will be big enough
to look like a logic high signal (in this example,
1mA*6.2kΩ = 6.2V). This pin can thus be used as an
active high enable signal for an external module.
OV
VEE
5
7
6
4
3
2
GATE
DRAIN
UV
SENSE
PWRGD/PWRGD 1
VDD
8
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6140CBZ
ISL61 40CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6140CBZ-T (Note 1)
ISL61 40CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6140IBZ-T (Note 1)
ISL61 40IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
ISL6140IBZ
ISL61 40IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
ISL6150CB
ISL 6150CB
0 to +70
8 Ld SOIC
M8.15
ISL6150CBZ
ISL61 50CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6150CBZ-T (Note 1)
ISL61 50CBZ
0 to +70
8 Ld SOIC (Pb-Free)
M8.15
ISL6150IB-T (Note 1)
ISL 6150IB
0 to +70
8 Ld SOIC
M8.15
ISL6150IBZ
ISL61 50IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
ISL6150IBZ-T (Note 1)
ISL61 50IBZ
-40 to +85
8 Ld SOIC (Pb-Free)
M8.15
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page forISL6140. For more information on MSL please see
techbrief TB363.
ISL6140, ISL6150


Numéro de pièce similaire - ISL6140CBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140CBZ RENESAS-ISL6140CBZ Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140CBZ-T INTERSIL-ISL6140CBZ-T Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ-T INTERSIL-ISL6140CBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
More results

Description similaire - ISL6140CBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com