Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6121HIB Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL6121HIB
Description  Single Supply Integrated Current Limiting Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121HIB Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL6121HIB Datasheet HTML 3Page - Intersil Corporation ISL6121HIB Datasheet HTML 4Page - Intersil Corporation ISL6121HIB Datasheet HTML 5Page - Intersil Corporation ISL6121HIB Datasheet HTML 6Page - Intersil Corporation ISL6121HIB Datasheet HTML 7Page - Intersil Corporation ISL6121HIB Datasheet HTML 8Page - Intersil Corporation ISL6121HIB Datasheet HTML 9Page - Intersil Corporation ISL6121HIB Datasheet HTML 10Page - Intersil Corporation ISL6121HIB Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN9004.2
November 12, 2004
TABLE 2. ISL6121EVAL1 BOARD COMPONENT LISTING
COMPONENT
DESIGNATOR
COMPONENT FUNCTION
COMPONENT DESCRIPTION
DUT1
ISL6121H
Intersil, ISL6121H, Integrated FET Hot Plug Controller
R1 - R4
Load Resistors
YAGEO, 3.3
Ω 5%, 10W, 3.3W-10-ND
R5-R7
LED Current Limiting Resistor
470
Ω, 0805
C1
Chip Decoupling Capacitor
0.1
µF, 0805
C2 - C3
Load Capacitor
100
µF 16V Electrolytic, Radial Lead
D1 - D3
Indicating LEDs
0805, SMD LEDs Red
F1
1.85A Hold Current Poly-Fuse
Raychem, RUSB185 or Equivalent
C4
Bulk Filter Capacitor
100
µF 16V Electrolytic, Radial Lead
Q1
Over Current Switch
Intersil, ITF86110DK8T, 7.5A, 30V, 0.025
Ω Dual N-Channel
MOSFETs
R8 - R9
Gate Series Resistors
47
Ω, 0805
R10 - R11
Enable Pullup/Pulldown Resistors
1.2K
Ω, 0805, R10 Not Populated
ISL6121


Numéro de pièce similaire - ISL6121HIB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121HIB RENESAS-ISL6121HIB Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB-T INTERSIL-ISL6121HIB-T Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121HIB-T RENESAS-ISL6121HIB-T Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIBZA INTERSIL-ISL6121HIBZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
More results

Description similaire - ISL6121HIB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com