Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6115CB Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL6115CB
Description  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115CB Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL6115CB Datasheet HTML 3Page - Intersil Corporation ISL6115CB Datasheet HTML 4Page - Intersil Corporation ISL6115CB Datasheet HTML 5Page - Intersil Corporation ISL6115CB Datasheet HTML 6Page - Intersil Corporation ISL6115CB Datasheet HTML 7Page - Intersil Corporation ISL6115CB Datasheet HTML 8Page - Intersil Corporation ISL6115CB Datasheet HTML 9Page - Intersil Corporation ISL6115CB Datasheet HTML 10Page - Intersil Corporation ISL6115CB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN9100.7
April 29, 2010
Biasing the ISL6116
Table 3 gives typical component values for biasing the
ISL6116 in a ±48V application. The formulas and
calculations deriving these values are also shown in the
following equations.
When using the ISL6116 to control -48V, a Zener diode
may be used to provide the +12V bias to the chip. If a
Zener is used then a current limit resistor should also
be used. Several items must be taken into account
when choosing values for the current limit resistor
(RCL) and Zener Diode (DD1):
•The variation of the VBUS (in this case, -48V
nominal)
• The chip supply current needs for all functional
conditions
• The power rating of RCL.
• The current rating of DD1
Formulas
Sizing RCL is expressed in Equation 1:
Power Rating of RCL is expressed in Equation 2:
DD1 current rating is expressed in Equation 3:
Example:
A typical -48V supply may vary from -36 to -72V.
Therefore:
VBUS,MAX = -72V
VBUS,MIN = -36V
ICHIP = 15mA (Max)
Sizing RCL is expressed in Equation 4:
Power rating of RCL is expressed in Equation 5:
DD1 current rating is expressed in Equation 6:
TABLE 3. TYPICAL VALUES FOR A -48V HOT SWAP
APPLICATION
SYMBOL
PARAMETER
RCL
1.58kΩ, 1W
DD1
12V Zener Diode, 50mA Reverse Current
VBUS
LOAD
ISL6116
PWRON
NC
FIGURE 2. TYPICAL 5A LOAD CONTROL
-48V
RCL
DD1
12V
1.58kΩ
1W
0.01µF
0.047µF
1.47kΩ
0.005
1%
0.001µF
2kΩ
1%
R
CL
V
BUS MIN
() 12
I
CHIP
-------------------------------------------
=
(EQ. 1)
(EQ. 2)
P
RCL
I
C VBUS MAX
() 12
()
=
(EQ. 3)
I
DD1
V
BUS MAX
() 12
()
R
CL
--------------------------------------------------
=
(EQ. 4)
R
CL
V
BUS MIN
() 12
()
I
C
------------------------------------------------
=
R
CL
36
12
0.015
-------------------
=
R
CL
16k
Ω TypicalValue
1.58k
Ω
=
[]
=
(EQ. 5)
P
RCL
I
C VBUS MAX
() 12
()
=
P
RCL
0.015
() 72 12
()
=
P
RCL
0.9W TypicalValue
1W
=
[]
=
(EQ. 6)
I
DD1
V
BUS MAX
() 12
()
R
CL
--------------------------------------------------
=
I
DD1
72
12
()
1.58k
Ω
------------------------
=
I
DD1
38mA TypicalValue
12Vrating, 50mA reverse current
=
[]
=
ISL6115, ISL6116, ISL6117, ISL6120


Numéro de pièce similaire - ISL6115CB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6115CB INTERSIL-ISL6115CB Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
More results

Description similaire - ISL6115CB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com