Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA2311G-D08-T Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce UA2311G-D08-T
Description  16 BITS DIGITAL to ANALOG CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA2311G-D08-T Fiches technique(HTML) 5 Page - Unisonic Technologies

  UA2311G-D08-T Datasheet HTML 1Page - Unisonic Technologies UA2311G-D08-T Datasheet HTML 2Page - Unisonic Technologies UA2311G-D08-T Datasheet HTML 3Page - Unisonic Technologies UA2311G-D08-T Datasheet HTML 4Page - Unisonic Technologies UA2311G-D08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UA2311
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-043.B
APPLICATION CIRCUIT
A typical example of CD-ROM application is showed as below. It features typical decoupling components and a
second-order analog post-filter stage providing a line output.
VOR
NC
VOL
VDD
GND
DATA
WS
BCK
UTC UA2311
1000pF
7.5K
7.5K
470pF
+
-
+
-
470pF
7.5K
7.5K
100nF
47μF
10
VDD
1000pF
Right Channel
Audio Output
Left Channel
Audio Output
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - UA2311G-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311-D08-T UTC-UA2311-D08-T Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311-S08-R UTC-UA2311-S08-R Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311-S08-T UTC-UA2311-S08-T Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
UA2311L-D08-T UTC-UA2311L-D08-T Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
More results

Description similaire - UA2311G-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
logo
Princeton Technology Co...
PT8211 PTC-PT8211 Datasheet
81Kb / 3P
   16 Bits Digital-To-Analog Converter IC
PT8215 PTC-PT8215 Datasheet
321Kb / 3P
   16 Bits Digital-To-Analog Converter IC?
logo
Burr-Brown (TI)
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
   Analog to Digital Converter 8 canali 12 bits
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com