Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2700Q-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce LM2700Q-Q1
Description  LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2700Q-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  LM2700Q-Q1_15 Datasheet HTML 1Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 2Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 3Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 4Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 5Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 6Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 7Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 8Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM2700Q
www.ti.com
SNVS794A – MARCH 2012 – REVISED MARCH 2013
LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Check for Samples: LM2700Q
1
FEATURES
DESCRIPTION
The LM2700Q is a step-up DC/DC converter with a
2
AEC-Q100 Grade 2 Qualified (-40°c to +105°c)
3.6A, 80m
Ω internal switch and pin selectable
3.6A, 0.08
Ω, Internal Switch
operating frequency. With the ability to produce
Operating Input Voltage Range of 2.2V to 12V
500mA at 8V from a single Lithium Ion battery, the
LM2700Q is an ideal part for biasing LCD displays.
Input Undervoltage Protection
The
LM2700Q
can
be
operated
at
switching
Adjustable Output Voltage up to 17.5V
frequencies of 600kHz and 1.25MHz allowing for
600kHz/1.25MHz Pin Selectable Frequency
easy
filtering
and
low
noise.
An
external
Operation
compensation pin gives the user flexibility in setting
frequency compensation, which makes possible the
Over Temperature Protection
use of small, low ESR ceramic capacitors at the
Small 14-Lead TSSOP or WSON Package
output. The LM2700Q features continuous switching
at light loads and operates with a switching quiescent
APPLICATIONS
current of 2.0mA at 600kHz and 3.0mA at 1.25MHz.
The LM2700Q is available in a low profile 14-lead
LCD Bias Supplies
TSSOP package or a 14-lead WSON package.
Handheld Devices
Portable Applications
GSM/CDMA Phones
Digital Cameras
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM2700Q-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2700Q-Q1 TI1-LM2700Q-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Description similaire - LM2700Q-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com