Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2700Q-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM2700Q-Q1
Description  LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2700Q-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2700Q-Q1_15 Datasheet HTML 1Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 2Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 3Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 4Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 5Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 6Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 7Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 8Page - Texas Instruments LM2700Q-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM2700Q
SNVS794A – MARCH 2012 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN
12V
SW Voltage
18V
FB Voltage
7V
VC Voltage
0.965V
≤ VC ≤ 1.565V
SHDN Voltage (3)
7V
FSLCT (3)
12V
Maximum Junction Temperature
150°C
Power Dissipation(4)
Internally Limited
Lead Temperature
300°C
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Susceptibility (5)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
This voltage should never exceed VIN.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance. The maximum
allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum
allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(5)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
Operating Conditions
Operating Junction Temperature Range (1)
−40°C to +105°C
Storage Temperature
−65°C to +150°C
Supply Voltage
2.2V to 12V
SW Voltage
17.5V
(1)
All limits ensured at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% tested or specified through statistical analysis. All limits at temperature extremes are ensured via correlation using standard
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range (TJ = −40°C to +125°C) Unless otherwise specified. VIN =2.2V and IL = 0A, unless otherwise specified.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current
FB = 2.2V (Not Switching)
1.2
2
mA
FSLCT = 0V
FB = 2.2V (Not Switching)
1.3
2
mA
FSLCT = VIN
VSHDN = 0V
5
20
µA
VFB
Feedback Voltage
1.2285
1.26
1.2915
V
ICL
(3)
Switch Current Limit
VIN = 2.7V
(4)
2.55
3.6
4.3
A
%VFB/ΔVIN
Feedback Voltage Line
2.2V
≤ VIN ≤ 12.0V
0.02
0.07
%/V
Regulation
(1)
All limits ensured at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% tested or specified through statistical analysis. All limits at temperature extremes are ensured via correlation using standard
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Duty cycle affects current limit due to ramp generator.
(4)
Current limit at 0% duty cycle. See TYPICAL PERFORMANCE section for Switch Current Limit vs. VIN
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM2700Q


Numéro de pièce similaire - LM2700Q-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2700Q-Q1 TI1-LM2700Q-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Description similaire - LM2700Q-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com