Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD97370Q5M Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce CSD97370Q5M
Description  Synchronous Buck NexFET??Power Stage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD97370Q5M Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CSD97370Q5M_15 Datasheet HTML 5Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 6Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 7Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 8Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 9Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 10Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 11Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 12Page - Texas Instruments CSD97370Q5M_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
200
400
600
800 1000 1200 1400 1600 1800 2000 2200
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.4
−8.5
−5.7
−2.8
0.0
2.8
5.7
8.5
11.4
14.2
17.1
Switching Frequency (kHz)
3
5
7
9
11
13
15
17
19
21
23
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.3
−8.5
−5.7
−2.8
0.0
2.8
5.7
8.5
11.3
14.2
17.0
Input Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−5.7
−2.8
0
2.8
5.7
8.5
11.4
14.2
17
19.9
22.7
Output Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.3
−8.5
−5.7
−2.8
0
2.8
5.7
8.5
11.3
14.2
17
Output Inductance (µH)
CSD97370Q5M
www.ti.com
SLPS314C – JUNE 2011 – REVISED FEBRUARY 2012
TYPICAL CHARACTERISTICS (continued)
Test conditions: VIN = 12V, VDD = 5V, fSW= 500kHz, VOUT = 1.2V, LOUT = 0.3μH, DCR = 0.54mΩ, TJ = 125°C
for detailed explanation.
TYPICAL CHARACTERISTICS
Test conditions: VIN = 12V, VDD = 5V, fSW= 500kHz, VOUT = 1.2V, LOUT = 0.3μH, DCR = 0.54mΩ, TJ = 125°C
spacer
Figure 12. Normalized Power Loss vs Frequency
Figure 13. Normalized Power Loss vs Input Voltage
Figure 14. Normalized Power Loss vs Output Voltage
Figure 15. Normalized Power Loss vs Output Inductance
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Numéro de pièce similaire - CSD97370Q5M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Description similaire - CSD97370Q5M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com