Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD95379Q3M Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce CSD95379Q3M
Description  CSD95379Q3M Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD95379Q3M Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CSD95379Q3M_15 Datasheet HTML 2Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 3Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 4Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 5Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 6Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 7Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 8Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 9Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
200
600
1000
1400
1800
2200
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
−1.14
−0.57
0.00
0.57
1.14
1.72
2.29
2.86
3.43
Switching Frequency (kHz)
VIN = 12V
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
IOUT = 18A
G001
4
6
8
10
12
14
16
0.98
1
1.02
1.04
1.06
1.08
1.1
1.12
−0.2
0.0
0.2
0.5
0.7
0.9
1.2
1.4
Input Voltage (V)
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
fSW = 500kHz
IOUT = 18A
G001
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
90
Ambient Temperature (ºC)
400LFM
200LFM
100LFM
Nat Conv
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
0
5
10
15
20
25
0
20
40
60
80
100
120
140
Board Temperature (ºC)
Min
Typ
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
0
1
2
3
4
5
6
4
6
8
10
12
14
16
18
20
Output Current (A)
Typ
Max
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
0.6
0.7
0.8
0.9
1
1.1
−50
−25
0
25
50
75
100
125
150
Junction Temperature (ºC)
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
G001
CSD95379Q3M
SLPS446C – APRIL 2014 – REVISED NOVEMBER 2014
www.ti.com
6.6 Typical Characteristics
TJ = 125°C, unless stated otherwise. The Typical CSD95379Q3M System Characteristic curves are based on measurements
made on a PCB design with dimensions of 4 inches (W) × 3.5 inches (L) × 0.062 inch (T) and 6 copper layers of 1 oz. copper
thickness. See the Application and Implementation section for detailed explanation.
Figure 1. Power Loss vs Output Current
Figure 2. Power Loss vs Temperature
Figure 3. Safe Operating Area (SOA) – PCB Horizontal
Figure 4. Typical SOA (1)
Mount (1)
Figure 5. Normalized Power Loss vs Frequency
Figure 6. Normalized Power Loss vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD95379Q3M


Numéro de pièce similaire - CSD95379Q3M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95372AQ5M TI-CSD95372AQ5M_15 Datasheet
1Mb / 26P
[Old version datasheet]   CSD95372AQ5M Synchronous Buck NexFET??Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MC TI-CSD95372BQ5MC Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MCT TI-CSD95372BQ5MCT Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
More results

Description similaire - CSD95379Q3M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com