Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5652-EP Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce DAC5652-EP
Description  DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC5652-EP Fiches technique(HTML) 1 Page - Texas Instruments

  DAC5652-EP_15 Datasheet HTML 1Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 2Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 3Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 4Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 5Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 6Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 7Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 8Page - Texas Instruments DAC5652-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DAC5652-EP
www.ti.com
SGLS341C – JUNE 2006 – REVISED APRIL 2013
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
Check for Samples: DAC5652-EP
1
FEATURES
APPLICATIONS
10-Bit Dual Transmit Digital-to-Analog
Cellular Base Transceiver Station Transmit
Converter (DAC)
Channel
200 MSPS Update Rate
CDMA: W-CDMA, CDMA2000, IS-95
Single Supply: 3 V to 3.6 V
TDMA: GSM, IS-136, EDGE/UWC-136
High Spurious-Free Dynamic Range (SFDR):
Medical/Test Instrumentation
80 dBc at 5 MHz
Arbitrary Waveform Generators (ARB)
High Third-Order Two-Tone Intermodulation
Direct Digital Synthesis (DDS)
(IMD3): 78 dBc at 15.1 MHz and 16.1 MHz
Cable Modem Termination System (CMTS)
Independent or Single Resistor Gain Control
Dual or Interleaved Data
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
On-Chip 1.2 V Reference
Controlled Baseline
Low Power: 290 mW
One Assembly and Test Site
Power-Down Mode: 9 mW
One Fabrication Site
Package: 48-Pin Thin Quad Flat Pack (TQFP)
Available in Military (–55°C to 125°C)
Temperature Range
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
DESCRIPTION/ORDERING INFORMATION
The DAC5652 is a monolithic, dual channel, 10-bit, high speed, digital-to-analog converter (DAC) with on-chip
voltage reference.
Operating with update rates of up to 200 MSPS, the DAC5652 offers exceptional dynamic performance, tight
gain, and offset matching characteristics that make it suitable in either I/Q baseband or direct IF communication
applications.
Each DAC has a high impedance differential current output, suitable for single ended or differential analog-output
configurations. External resistors allow scaling of the full-scale output current for each DAC separately or
together, typically between 2 mA and 20 mA. An accurate on-chip voltage reference is temperature-compensated
and delivers a stable 1.2 V reference voltage. Optionally, an external reference may be used.
The DAC5652 has two 10-bit parallel input ports with separate clocks and data latches. For flexibility, the
DAC5652 also supports multiplexed data for each DAC on one port when operating in the interleaved mode.
The DAC5652 has been specifically designed for a differential transformer coupled output with a 50
Ω doubly
terminated load. For a 20 mA full scale output current, both a 4:1 impedance ratio (resulting in an output power
of 4 dBm) and 1:1 impedance ratio transformer (–2 dBm output power) are supported.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - DAC5652-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC5652-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com