Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC38J82 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce DAC38J82
Description  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC38J82 Fiches technique(HTML) 3 Page - Texas Instruments

  DAC38J82_15 Datasheet HTML 1Page - Texas Instruments DAC38J82_15 Datasheet HTML 2Page - Texas Instruments DAC38J82_15 Datasheet HTML 3Page - Texas Instruments DAC38J82_15 Datasheet HTML 4Page - Texas Instruments DAC38J82_15 Datasheet HTML 5Page - Texas Instruments DAC38J82_15 Datasheet HTML 6Page - Texas Instruments DAC38J82_15 Datasheet HTML 7Page - Texas Instruments DAC38J82_15 Datasheet HTML 8Page - Texas Instruments DAC38J82_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
GND
IOUTAP
IOUTAN
IOUTBN
IOUTBP
GND
GND
IOUTCP
IOUTCN
IOUTDN
IOUTDP
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DACCLKP
VDDAPLL18
EXTIO
RBIAS
SDIO
SDO
DACCLKN
LPF
ATEST
SCLK
SDENB
GND
GND
GND
GND
GND
GND
GND
RESETB
ALARM
SLEEP
SYSREFP
SYNCBP
GND
GND
GND
GND
SYNC_N_CD
NC
SYSREFN
SYNCBN
GND
GND
GND
GND
SYNC_N_AB
NC
GND
GND
IFORCE
GND
GND
GND
GND
TXENABLE
TDI
TDO
GND
GND
VSENSE
VDDDIG09
TCLK
TMS
GND
RX7P
GND
GND
AMUX1
AMUX0
TRSTB
TESTMODE
GND
RX3P
RX7N
GND
GND
GND
GND
GND
GND
GND
GND
RX3N
RX6N
RX6P
RX5P
RX5N
RX4N
RX4P
RX0P
RX0N
RX1N
RX1P
RX2P
RX2N
12
11
10
9
8
7
6
5
4
3
2
1
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
GND
VDDAPLL18
VDDS18
VDDS18
VDDCLK09
VDDCLK09
VDDDIG09
VDDT09
VDDT09
VDDR18
VDDR18
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDIO18
VDDIO18
VDDAREF18
VDDADAC33
VDDADAC33
VDDADAC33
VDDADAC33
VDDAREF18
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VQPS18
VQPS18
VDDDIG09
DAC37J82, DAC38J82
www.ti.com
SLASE16B – JANUARY 2014 – REVISED MAY 2014
Device Comparison Table
DEVICE
MAXIMUM SAMPLE RATE
PACKAGE DRAWING/TYPE(1)
TA
DAC37J82IAAV
1.6 GSPS
AAV/144-ball flip chip BGA
–40°C to 85°C
DAC38J82IAAV
2.5 GSPS
AAV/144-ball flip chip BGA
–40°C to 85°C
(1)
MSL Peak Temperature: Level-3-260C-168 HR
5 Pin Configuration and Functions
144-Ball Flip Chip BGA
AAV Package
(Top View)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC37J82 DAC38J82


Numéro de pièce similaire - DAC38J82_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAVR TI1-DAC38J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
More results

Description similaire - DAC38J82_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC37J82 TI-DAC37J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com