Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC38J82 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce DAC38J82
Description  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC38J82 Fiches technique(HTML) 1 Page - Texas Instruments

  DAC38J82_15 Datasheet HTML 1Page - Texas Instruments DAC38J82_15 Datasheet HTML 2Page - Texas Instruments DAC38J82_15 Datasheet HTML 3Page - Texas Instruments DAC38J82_15 Datasheet HTML 4Page - Texas Instruments DAC38J82_15 Datasheet HTML 5Page - Texas Instruments DAC38J82_15 Datasheet HTML 6Page - Texas Instruments DAC38J82_15 Datasheet HTML 7Page - Texas Instruments DAC38J82_15 Datasheet HTML 8Page - Texas Instruments DAC38J82_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
DAC37J82/DAC38J82
16-bit DAC
16-bit DAC
xN
xN
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC37J82, DAC38J82
SLASE16B – JANUARY 2014 – REVISED MAY 2014
DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters
with 12.5 Gbps JESD204B Interface
1 Features
3 Description
The pin-compatible DAC37J82/DAC38J82 family is a
1
Resolution: 16-Bit
very low power, 16-bit, dual-channel, 1.6/2.5 GSPS
Maximum Sample Rate:
digital to analog converter (DAC) with JESD204B
DAC37J82: 1.6 GSPS
interface. The maximum input data rate is 1.23
GSPS.
DAC38J82: 2.5 GSPS
Maximum Input Data Rate: 1.23GSPS
Digital data is input to the device through 1, 2, 4 or 8
configurable serial JESD204B lanes running up to
JESD204B Interface
12.5
Gbps
with
on-chip
termination
and
8 JESD204B Serial Input Lanes
programmable equalization. The interface allows
12.5 Gbps Maximum Bit Rate per Lane
JESD204B Subclass 1 SYSREF based deterministic
latency and full synchronization of multiple devices.
Subclass 1 Multi-DAC synchronization
On-Chip Very Low Jitter PLL
The device includes features that simplify the design
of complex transmit architectures. Fully bypassable
Selectable 1x -16x Interpolation
2x to 16x digital interpolation filters with over 90 dB of
Independent Complex Mixers with 48-bit NCO/ or
stop-band attenuation simplify the data interface and
±n×Fs/8
reconstruction filters. An on-chip 48-bit Numerically
Wideband Digital Quadrature Modulator
Controlled
Oscillator
(NCO)
and
independent
Correction
complex mixers allow flexible and accurate carrier
placement.
Sinx/x Correction Filters
A high-performance low jitter PLL simplifies clocking
Fractional Sample Group Delay Correction
of the device without significant impact on the
Flexible Routing to Four Analog Outputs via
dynamic range. The digital Quadrature Modulator
Output Multiplexer
Correction (QMC) and Group Delay Correction (QDC)
3/4-Wire Serial Control Bus (SPI)
enable complete IQ compensation for gain, offset,
Integrated Temperature Sensor
phase, and group delay between channels in direct
up-conversion applications. A programmable Power
JTAG Boundary Scan
Amplifier (PA) protection mechanism is available to
Pin-compatible with Quad-channel
provide PA protection in cases when the abnormal
DAC37J84/DAC38J84
power behavior of the input data is detected.
Power Dissipation: 1.1W at 2.5GSPS
DAC37J82/DAC38J82 family provides four analog
Package: 10x10mm, 144-Ball Flip-Chip BGA
outputs, and the data from the internal two digital
paths can be routed to any two out of these four DAC
2 Applications
outputs via the output multiplexer.
Cellular Base Stations
Device Information(1)
Diversity Transmit
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Wideband Communications
DAC37J82
FCBGA (144)
10.00 mm x 10.00 mm
Direct Digital Synthesis (DDS) Instruments
DAC38J82
FCBGA (144)
10.00 mm x 10.00 mm
Millimeter/Microwave Backhaul
(1) For all available packages, see the orderable addendum at
Automated Test Equipment
the end of the datasheet.
Cable Infrastructure
Radar
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - DAC38J82_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAVR TI1-DAC38J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
More results

Description similaire - DAC38J82_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC37J82 TI-DAC37J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com