Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7836 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce AMC7836
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC7836 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button AMC7836_15 Datasheet HTML 6Page - Texas Instruments AMC7836_15 Datasheet HTML 7Page - Texas Instruments AMC7836_15 Datasheet HTML 8Page - Texas Instruments AMC7836_15 Datasheet HTML 9Page - Texas Instruments AMC7836_15 Datasheet HTML 10Page - Texas Instruments AMC7836_15 Datasheet HTML 11Page - Texas Instruments AMC7836_15 Datasheet HTML 12Page - Texas Instruments AMC7836_15 Datasheet HTML 13Page - Texas Instruments AMC7836_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
AMC7836
SLAS986B – NOVEMBER 2014 – REVISED FEBRUARY 2015
www.ti.com
6.6 Electrical Characteristics — ADC and Temperature Sensor Specifications
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 4.5 to 5.5 V, AVCC = 12 V, IOVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, AVEE =
AVSSB = AVSSC = AVSSD = –12 V (for DAC groups in negative range) or 0 V (for DAC groups in positive ranges), DAC output
range = 0 to 10 V for all groups, no load on the DACs, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
Unipolar input channels
±0.5
±1
Integral nonlinearity
LSB
Bipolar input channels
±0.5
±1.5
Differential nonlinearity
Specified monotonic. All input channels
±0.5
±1
LSB
UNIPOLAR ANALOG INPUTS: LV_ADC16 to LV_ADC20
Absolute input voltage range
AGND – 0.2
AVDD + 0.2
V
Full scale input range
Vref measured at REF_CMP pin
0
2 × Vref
V
Input capacitance
34
pF
DC input leakage current
Unselected ADC input
±10
µA
Offset error
±1
±5
LSB
Offset error match
±0.5
LSB
Gain error(1)
±0.5
±5
LSB
Gain error match
±1
LSB
Update time
Single unipolar input, temperature sensor disabled
11.5
µs
BIPOLAR ANALOG INPUTS: ADC_0 to ADC_15
Absolute input voltage range
–13
13
V
Full scale input range
–12.5
12.5
V
Input resistance
175
k
Ω
Offset error
±0.25
±5
LSB
Gain error(1)
±0.5
±5
LSB
Update time
Single bipolar input, temperature sensor disabled
34.5
µs
TEMPERATURE SENSOR
Operating range
–40
125
°C
Accuracy
TA = –40°C to 125°C, AVDD = 5 V
±1.25
±2.5
°C
Resolution
LSB size
0.25
°C
Update time
All ADC input channels disabled
256
µs
ADC UPDATE TIME
Internal oscillator frequency
3.7
4
4.3
MHz
All 21 ADC inputs enabled, temperature sensor
609.5
µs
disabled.
ADC update time
All 21 ADC inputs enabled, temperature sensor
865.5
µs
enabled.
INTERNAL REFERENCE (INTERNAL REFERENCE NOT ACCESSIBLE)
Initial accuracy
TA = 25°C
2.4925
2.5
2.5075
V
Reference temperature coefficient
12
35
ppm/°C
INTERNAL ADC REFERENCE BUFFER
Reference buffer offset
TA = 25°C
±5
mV
(1)
Internal reference contribution not included.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: AMC7836


Numéro de pièce similaire - AMC7836_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7836IPAP TI1-AMC7836IPAP Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836IPAPR TI1-AMC7836IPAPR Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
More results

Description similaire - AMC7836_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
[Old version datasheet]   AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com