Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7836 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce AMC7836
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC7836 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button AMC7836_15 Datasheet HTML 2Page - Texas Instruments AMC7836_15 Datasheet HTML 3Page - Texas Instruments AMC7836_15 Datasheet HTML 4Page - Texas Instruments AMC7836_15 Datasheet HTML 5Page - Texas Instruments AMC7836_15 Datasheet HTML 6Page - Texas Instruments AMC7836_15 Datasheet HTML 7Page - Texas Instruments AMC7836_15 Datasheet HTML 8Page - Texas Instruments AMC7836_15 Datasheet HTML 9Page - Texas Instruments AMC7836_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
AMC7836
SLAS986B – NOVEMBER 2014 – REVISED FEBRUARY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to GND
–0.3
6
DVDD to GND
–0.3
6
IOVDD to GND
–0.3
6
AVCC to GND
–0.3
18
Supply Voltage
AVEE to GND
–13
0.3
V
AVSSB, AVSSC, AVSSD to AVEE
–0.3
13
AVCC to AVSSB, AVSSC, or AVSSD
–0.3
26
AVCC to AVEE
–0.3
26
DGND to AGND
–0.3
0.3
ADC_[0-15] analog input voltage to GND
–13
13
LV_ADC[16-20] analog input voltage to GND
–0.3
AVDD + 0.3
DAC_A[0-3] outputs to GND
AVEE – 0.3
AVCC + 0.3
DAC_B[4-7] outputs to GND
AVSSB – 0.3
AVCC + 0.3
DAC_C[8-11] outputs to GND
AVSSC – 0.3
AVCC + 0.3
Pin Voltage
V
DAC_D[12-15] outputs to GND
AVSSD – 0.3
AVCC + 0.3
REF_CMP to GND
–0.3
AVDD + 0.3
CS, SCLK, SDI and RESET to GND
–0.3
IOVDD + 0.3
SDO to GND
–0.3
IOVDD + 0.3
GPIO[0-7] to GND
–0.3
IOVDD + 0.3
ADC_[0:15] analog input current
–10
10
Pin Current
LV_ADC[16:20] analog input current
–10
10
mA
GPIO[0:7] sinking current
5
Operating temperature
–40
125
°C
Junction temperature, TJmax
–40
150
°C
Storage temperature, Tstg
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±250
C101(2)
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: AMC7836


Numéro de pièce similaire - AMC7836_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7836IPAP TI1-AMC7836IPAP Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836IPAPR TI1-AMC7836IPAPR Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
More results

Description similaire - AMC7836_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
[Old version datasheet]   AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com