Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7832 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce AMC7832
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC7832 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button AMC7832_15 Datasheet HTML 6Page - Texas Instruments AMC7832_15 Datasheet HTML 7Page - Texas Instruments AMC7832_15 Datasheet HTML 8Page - Texas Instruments AMC7832_15 Datasheet HTML 9Page - Texas Instruments AMC7832_15 Datasheet HTML 10Page - Texas Instruments AMC7832_15 Datasheet HTML 11Page - Texas Instruments AMC7832_15 Datasheet HTML 12Page - Texas Instruments AMC7832_15 Datasheet HTML 13Page - Texas Instruments AMC7832_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = +4.5 to +5.5-V, AVCC = +12-V, AVEE = -12-V, IOVDD = +1.8 to +5.5-V, AGND =
DGND = 0-V, AVSSA,B,C,D = 0-V (DAC groups in positive ranges) or -12-V (DAC groups in negative range), DAC output range
= 0 to 10-V for all groups, no load on the DACs, TA = -40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC AND TEMPERATURE SENSOR SPECIFICATIONS
Resolution
12
Bits
Unipolar input channels
±0.5
±1
LSB
INL
Integral nonlinearity
Bipolar input channels
±0.75
±1.5
LSB
DNL
Differential nonlinearity
Specified monotonic. All input channels
±0.5
±1
LSB
UNIPOLAR ANALOG INPUTS: LV_ADC12 to LV_ADC16
AVDD +
Absolute input voltage range
GND – 0.2
V
0.2
Full scale input range
0
2 × VREF
V
Input capacitance
VREF measured at REF_CMP terminal
34
pF
DC input leakage current
Unselected ADC input
±10
µA
Offset error
±2
±5
LSB
Offset error match
±2.5
LSB
Gain error(7)
±1
±5
LSB
Gain error match
±1
LSB
Single unipolar input, temperature sensor
Update time
11.5
µs
disabled
BIPOLAR ANALOG INPUTS: ADC_0 to ADC_11
Absolute input voltage range
–13
+13
V
Full scale input range
-12.5
12.5
V
Input resistance
175
k
Ω
Offset error
±5
±10
LSB
Gain error(7)
±5
±10
LSB
Single bipolar input, temperature sensor
Update time
34.5
µs
disabled
TEMPERATURE SENSOR
Operating range
-40
125
°C
Accuracy
TA = -40°C to 125°C, AVDD = +5-V
±1.25
±2.5
°C
Resolution
LSB size
0.25
°C
Update time
All ADC input channels disabled
256
µs
AUTOCYCLE UPDATE TIME
All 17 ADC inputs enabled, temperature
471.5
µs
sensor disabled
Autocycle update time
All 17 ADC inputs and temperature
727.5
µs
sensor enabled
(7)
Internal reference contribution not included.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832


Numéro de pièce similaire - AMC7832_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7832IPAP TI1-AMC7832IPAP Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832IPAPR TI1-AMC7832IPAPR Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
More results

Description similaire - AMC7832_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
[Old version datasheet]   AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com