Moteur de recherche de fiches techniques de composants électroniques |
|
UA1029 Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
UA1029 Fiches technique(HTML) 4 Page - Unisonic Technologies |
4 / 7 page UA1029 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 www.unisonic.com.tw QW-R107-033.B TEST CIRCUIT + - 13 14 6 3 7 SW1 VCC2 B.S.1 C11 (**) 100 F IN1 NF1 45 30k OUT1 + + 1000 F C10 VCC1 100 F C4 C8 C6 Ch-1 + 1000 F 0.15 F 9 4 + C1 120 IN-1 Rf1 47 F RIPPLE + - C3 47 F (*) CIN IN2 NF2 45 + C2 47 F 120 Pre-GND1. 8 (*) CIN 10 + - IN-2 - 11 BIAS CIRCUIT AND TSD Ch-2 OUT2 30k Pre-GND2. 1 C9 1000 F 0.15 F C7 RL RL OUT-1 OUT-2 5 100 F C5 + B.S.2 2 Power-GND 12 (*) This IC can be used without coupling capacitor (CIN). If volume slide noise occurred by input offset voltage is undesirable, it needs to use the capacitor (CIN). (**) The condenser between the pin 8 and the GND (C11) is for reducing POP noise when the power ON/OFF switch (SW1) is set to ON/OFF. |
Numéro de pièce similaire - UA1029_15 |
|
Description similaire - UA1029_15 |