Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1214 Fiches technique(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF1214
Description  Dual N-channel dual gate MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1214 Fiches technique(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1214_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BF1214_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2007
2 of 18
NXP Semiconductors
BF1214
Dual N-channel dual gate MOSFET
1.4 Quick reference data
[1]
Tsp is the temperature at the soldering point of the source lead.
[2]
Calculated from S-parameters.
[3]
Measured in Figure 24 test circuit.
2.
Pinning information
3.
Ordering information
Table 1.
Quick reference data for amplifier A and B
Symbol Parameter
Conditions
Min
Typ
Max Unit
VDS
drain-source voltage
DC
-
-
6
V
ID
drain current
DC
-
-
30
mA
Ptot
total power dissipation
Tsp ≤ 107 °C
[1] -
-
180
mW
|yfs|
forward transfer admittance
f = 100 MHz; Tj =25 °C;
ID =18mA
27
32
37
mS
Ciss(G1)
input capacitance at gate1
f = 100 MHz
[2] -
2.2
2.7
pF
Crss
reverse transfer capacitance f = 100 MHz
[2] -20
-
fF
NF
noise figure
f = 400 MHz; YS =YS(opt)
-
0.9
1.5
dB
f = 800 MHz; YS =YS(opt)
-
1.2
1.8
dB
Xmod
cross modulation
input level for k = 1 % at
40 dB AGC; fw = 50 MHz;
funw =60MHz
[3]
102
105
-
dB
µV
Tj
junction temperature
-
-
150
°C
Table 2.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
drain (AMP A)
2
source
3
drain (AMP B)
4
gate1 (AMP B)
5
gate2
6
gate1 (AMP A)
13
2
4
5
6
sym119
AMP A
DA
S
DB
G1A
G2
G1B
AMP B
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BF1214
-
plastic surface-mounted package; 6 leads
SOT363


Numéro de pièce similaire - BF1214_15

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1214_2015 JMNIC-BF1214_2015 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
More results

Description similaire - BF1214_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com