Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1203 Fiches technique(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF1203
Description  Dual N-channel dual gate MOS-FETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1203 Fiches technique(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1203_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2001 Apr 25
10
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1203
Amplifier a scattering parameters
VDS =5V; VG2-S =4V; ID = 15 mA; Tamb =25 °C
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.987
−5.12
2.67
174.07
0.0006
85.79
0.997
−1.72
100
0.983
−10.24
2.66
168.16
0.0012
83.27
0.996
−3.42
200
0.976
−20.37
2.61
156.64
0.0023
78.22
0.992
−6.77
300
0.946
−30.36
2.54
145.05
0.0030
73.26
0.986
−10.12
400
0.919
−40.15
2.47
134.13
0.0032
71.40
0.980
−13.33
500
0.885
−49.55
2.37
132.32
0.0029
74.34
0.972
−16.56
600
0.851
−58.50
2.26
113.25
0.0024
90.33
0.965
−19.74
700
0.815
−67.28
2.15
103.20
0.0023
129.94
0.960
−22.90
800
0.778
−75.03
2.02
93.78
0.0035
172.18
0.950
−26.05
900
0.747
−83.30
1.95
84.84
0.0070
171.55
0.951
−29.10
1000
0.710
−90.47
1.83
75.92
0.0104
172.88
0.947
−32.25


Numéro de pièce similaire - BF1203_15

FabricantNo de pièceFiches techniqueDescription
logo
CoolCox Limited All rig...
BF12032 COOLCOX-BF12032 Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12D COOLCOX-BF12032H12D Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12S COOLCOX-BF12032H12S Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H24D COOLCOX-BF12032H24D Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H24S COOLCOX-BF12032H24S Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
More results

Description similaire - BF1203_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1102_2015 JMNIC-BF1102_2015 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1102 JMNIC-BF1102_15 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com