Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1203 Fiches technique(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF1203
Description  Dual N-channel dual gate MOS-FETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1203 Fiches technique(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1203_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1203_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2001 Apr 25
7
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1203
handbook, halfpage
0
IG1 (µA)
10
50
16
12
4
0
8
20
30
40
MCD939
ID
(mA)
Fig.7
Drain current as a function of gate 1 current;
typical values.
Amplifier a
VDS = 5 V; VG2-S =4V.
Tj =25 °C.
handbook, halfpage
05
20
0
4
8
12
16
12
3
4
VGG (V)
ID
(mA)
MCD940
Fig.8
Drain current as a function of gate 1 supply
voltage (= VGG); typical values.
Amplifier a
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
RG1 =62kΩ (connected to VGG); see Fig.35.
handbook, halfpage
010
25
0
5
10
15
20
24
6
8
VGG = VDS (V)
ID
(mA)
MCD941
RG1 = 39 kΩ
47 k
56 k
62 k
68 k
82 k
100 k
Fig.9
Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
Amplifier a
VG2-S = 4 V; Tj =25 °C.
RG1 connected to VGG; see Fig.35.
handbook, halfpage
024
6
VG2-S (V)
ID
(mA)
20
0
16
12
8
4
MCD942
VGG = 5 V
4.5 V
4 V
3.5 V
3 V
Amplifier a
VDS = 5 V; Tj =25 °C.
RG1 =62kΩ (connected to VGG); see Fig.35.
Fig.10 Drain current as a function of gate 2
voltage; typical values.


Numéro de pièce similaire - BF1203_15

FabricantNo de pièceFiches techniqueDescription
logo
CoolCox Limited All rig...
BF12032 COOLCOX-BF12032 Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12D COOLCOX-BF12032H12D Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12S COOLCOX-BF12032H12S Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H24D COOLCOX-BF12032H24D Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H24S COOLCOX-BF12032H24S Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
More results

Description similaire - BF1203_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1102_2015 JMNIC-BF1102_2015 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1102 JMNIC-BF1102_15 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com