Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3359 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TS5A3359
Description  TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3359 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TS5A3359_15 Datasheet HTML 7Page - Texas Instruments TS5A3359_15 Datasheet HTML 8Page - Texas Instruments TS5A3359_15 Datasheet HTML 9Page - Texas Instruments TS5A3359_15 Datasheet HTML 10Page - Texas Instruments TS5A3359_15 Datasheet HTML 11Page - Texas Instruments TS5A3359_15 Datasheet HTML 12Page - Texas Instruments TS5A3359_15 Datasheet HTML 13Page - Texas Instruments TS5A3359_15 Datasheet HTML 14Page - Texas Instruments TS5A3359_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TS5A3359
www.ti.com
SCDS214D – OCTOBER 2005 – REVISED MAY 2015
6.8 Electrical Characteristics for 1.8-V Supply
VCC = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal
VCOM, VNO
0
VCC
V
range
25°C
5
Peak ON
0
≤ (VNO) ≤ VCC,
Switch ON,
rpeak
1.65 V
resistance
ICOM = –2 mA,
See Figure 18
Full
30
25°C
2
2.5
ON-state
VNO = 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 18
Full
3.5
ON-state
25°C
0.15
0.4
resistance
VNO = 1.5 V,
Switch ON,
match
Δron
1.65 V
ICOM = –2 mA,
See Figure 18
Full
0.4
between
channels
0
≤ (VNO) ≤ VCC,
Switch ON,
25°C
5
ON-state
ICOM = –2 mA,
See Figure 18
resistance
ron(flat)
1.65 V
25°C
4.5
VNO = 0.6 V, 1.5 V
Switch ON,
flatness
ICOM = –2 mA,
See Figure 18
Full
5
25°C
–15
3
15
VNO =0.3 V or 1.65 V,
Switch OFF,
INO(OFF)
1.95 V
nA
NO
VCOM = 0.3 V to 1.65 V,
See Figure 19
Full
–30
30
OFF leakage
25°C
–1
0.1
1
VNO = 0 to 1.95 V,
Switch OFF,
current
INO(PWROFF)
0 V
μA
VCOM = 1.95 V to 0,
See Figure 19
Full
–15
15
NO
25°C
–15
3
15
VNO =0.3 V or 1.65 V,
Switch ON,
ON leakage
INO(ON)
1.95 V
nA
VCOM = Open,
See Figure 19
Full
–30
30
current
25°C
–15
3
15
VNO = 0.3 V to 1.65 V,
Switch OFF,
ICOM(OFF)
1.95 V
nA
COM
VCOM =0.3 V or 1.65 V,
See Figure 19
Full
–50
50
OFF leakage
25°C
–1
0.1
1
ICOM(PWROF
VCOM = 0 to 1.95 V,
Switch OFF,
current
0 V
μA
F)
VNO = 1.95 V to 0,
See Figure 19
Full
–10
10
COM
25°C
–15
3
15
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
1.95 V
nA
VCOM = 0.3 V or 1.65 V,
See Figure 19
Full
–30
30
current
DIGITAL CONTROL INPUTS (IN1, IN2)(2)
Input logic
VIH
Full
1.5
5.5
V
high
Input logic low
VIL
Full
0
0.6
V
25°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
nA
current
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS5A3359


Numéro de pièce similaire - TS5A3359_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_16 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
More results

Description similaire - TS5A3359_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com