Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3157 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TS5A3157
Description  TS5A3157 10-廓 SPDT Analog Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3157 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TS5A3157_15 Datasheet HTML 2Page - Texas Instruments TS5A3157_15 Datasheet HTML 3Page - Texas Instruments TS5A3157_15 Datasheet HTML 4Page - Texas Instruments TS5A3157_15 Datasheet HTML 5Page - Texas Instruments TS5A3157_15 Datasheet HTML 6Page - Texas Instruments TS5A3157_15 Datasheet HTML 7Page - Texas Instruments TS5A3157_15 Datasheet HTML 8Page - Texas Instruments TS5A3157_15 Datasheet HTML 9Page - Texas Instruments TS5A3157_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TS5A3157
SCDS219B – NOVEMBER 2005 – REVISED MAY 2015
www.ti.com
Electrical Characteristics for 5-V Supply (continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Switch ON,
BW
Bandwidth
RL = 50 Ω,
25°C
5 V
300
MHz
see Figure 18
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
5 V
–65
dB
f = 10 MHz,
see Figure 19
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
5 V
–66
dB
f = 10 MHz,
see Figure 20
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
5 V
0.01%
distortion
CL = 50 pF,
see Figure 22
Supply
25°C
2.5
5
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
5.5 V
µA
current
Full
10
6.6 Electrical Characteristics for 3.3-V Supply
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM, VNO, Analog signal
0
V+
V
VNC
range
25°C
12
20
ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
ron
3 V
resistance
ICOM = –24 mA,
see Figure 12
Full
20
ON-state
25°C
0.2
0.4
resistance match
VNO or VNC = 2.1 V,
Switch ON,
Δron
3 V
between
ICOM = –24 mA,
see Figure 12
Full
0.3
channels
ON-state
25°C
9
11
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
ron(flat)
resistance
3 V
ICOM = –24 mA,
see Figure 12
Full
12
flatness
VNO or VNC = 1 V,
25°C
–0.1
0.05
0.1
NO, NC
VCOM = 3 V,
INO(OFF),
Switch OFF,
OFF leakage
or
3.6 V
µA
INC(OFF)
see Figure 13
Full
–0.2
0.1
0.2
current
VNO or VNC = 3 V,
VCOM = 1 V,
VNO or VNC = 1 V,
25°C
–0.1
0.05
0.1
NO, NC
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
3.6 V
µA
INC(ON)
see Figure 14
Full
–0.2
0.1
0.2
current
VNO or VNC = 3 V,
VCOM = Open,
VCOM = 1 V,
25°C
–0.1
0.05
0.1
COM
VNO or VNC = Open,
Switch ON,
ICOM(ON)
ON leakage
or
3.6 V
µA
see Figure 14
Full
–0.2
0.1
0.2
current
VCOM = 3 V,
VNO or VNC = Open,
Digital Control Input (IN)
VIH
Input logic high
Full
V+ × 0.7
5.5
V
VIL
Input logic low
Full
0
V+ × 0.3
V
25°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
3.6 V
µA
current
Full
–1
1
Dynamic
25°C
3.3 V
3.5
7
9.5
VCOM = 2 V,
CL = 35 pF,
3 V
tON
Turnon time
ns
RL = 300 Ω,
see Figure 16
Full
to
1.5
10.5
3.6 V
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS5A3157


Numéro de pièce similaire - TS5A3157_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
More results

Description similaire - TS5A3157_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com