Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1105 Fiches technique(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF1105
Description  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1105 Fiches technique(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1105_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Dec 02
7
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1105; BF1105R; BF1105WR
Fig.12 Input admittance as a function of frequency;
typical values.
VDS = 5 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGM251
102
10−2
10
102
103
10−1
1
10
f (MHz)
yis
(mS)
gis
bis
Fig.13 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGM252
103
102
10
1
10
102
103
f (MHz)
|yrs|
(
µS)
ϕrs
(deg)
−103
−1
−10
−102
ϕrs
|yrs|
Fig.14 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGM253
102
ϕfs
(deg)
−102
−1
−10
10
1
10
102
103
f (MHz)
|yfs|
(mS)
ϕfs
|yfs|
Fig.15 Output admittance as a function of
frequency; typical values.
VDS = 5 V; VG2-S =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGM254
10
1
10−1
10−2
10
102
103
f (MHz)
yos
(mS)
bos
gos


Numéro de pièce similaire - BF1105_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1105R PHILIPS-BF1105R Datasheet
152Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 02
BF1105R NXP-BF1105R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1105WR PHILIPS-BF1105WR Datasheet
152Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 02
BF1105WR NXP-BF1105WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
More results

Description similaire - BF1105_15

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com