Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3USB30E Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TS3USB30E
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3USB30E Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TS3USB30E_15 Datasheet HTML 5Page - Texas Instruments TS3USB30E_15 Datasheet HTML 6Page - Texas Instruments TS3USB30E_15 Datasheet HTML 7Page - Texas Instruments TS3USB30E_15 Datasheet HTML 8Page - Texas Instruments TS3USB30E_15 Datasheet HTML 9Page - Texas Instruments TS3USB30E_15 Datasheet HTML 10Page - Texas Instruments TS3USB30E_15 Datasheet HTML 11Page - Texas Instruments TS3USB30E_15 Datasheet HTML 12Page - Texas Instruments TS3USB30E_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
400 mV
VCC
GND
1D
VSEL
2D
D
50
VOUT1
VIN
Channel ON: 1D to D
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
VCTRL = GND
S
GND
50
TS3USB30E
www.ti.com
SCDS255F – DECEMBER 2008 – REVISED AUGUST 2015
Parameter Measurement Information (continued)
Figure 7. Bandwidth (BW)
Figure 8. Propagation Delay
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS3USB30E


Numéro de pièce similaire - TS3USB30E_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Description similaire - TS3USB30E_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
[Old version datasheet]   TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com