Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4944 Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce 1N4944
Description  1 Amp Fast Recovery Rectifier 200 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4944 Fiches technique(HTML) 3 Page - Micro Commercial Components

  1N4944 Datasheet HTML 1Page - Micro Commercial Components 1N4944 Datasheet HTML 2Page - Micro Commercial Components 1N4944 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4942 thru 1N4948
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
TA=75
°C
1
100
4
0
5
10
15
8
Figure 5
Non-Repetitive Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30
TA=125
°C
www.mccsemi.com


Numéro de pièce similaire - 1N4944

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
1N4944 DGNJDZ-1N4944 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
1N4944 PANJIT-1N4944 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
1N4944 BILIN-1N4944 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N4944 NJSEMI-1N4944 Datasheet
110Kb / 1P
   DO-41
logo
Nantong Hornby Electron...
1N4944 HORNBY-1N4944 Datasheet
230Kb / 3P
   FAST RECOVERY RECTIFIER
More results

Description similaire - 1N4944

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Lunsure Electr...
1N4942 CHENYI-1N4942 Datasheet
51Kb / 3P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Micro Commercial Compon...
1N4942 MCC-1N4942_13 Datasheet
451Kb / 4P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
   1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614 Datasheet
112Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
logo
Micro Commercial Compon...
BA157 MCC-BA157 Datasheet
371Kb / 3P
   1 Amp Fast Recovery Rectifier 400~1000 Volts
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com