Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8496L-J15-B-T Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce TDA8496L-J15-B-T
Description  5W AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496L-J15-B-T Fiches technique(HTML) 2 Page - Unisonic Technologies

  TDA8496L-J15-B-T Datasheet HTML 1Page - Unisonic Technologies TDA8496L-J15-B-T Datasheet HTML 2Page - Unisonic Technologies TDA8496L-J15-B-T Datasheet HTML 3Page - Unisonic Technologies TDA8496L-J15-B-T Datasheet HTML 4Page - Unisonic Technologies TDA8496L-J15-B-T Datasheet HTML 5Page - Unisonic Technologies TDA8496L-J15-B-T Datasheet HTML 6Page - Unisonic Technologies TDA8496L-J15-B-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDA8496
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R107-030,F
PIN DESCRIPTION (TOP VIEW)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
PW_GND
OUTR
VS
OUTL
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
VAROUT_L
VOLUME
VAROUT_R
INR
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
PW_GND
OUTR
VS
OUTL
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
VAROUT_L
VOLUME
VAROUT_R
INR
HZIP-15A
HZIP-15B/HZIP-15D
BLOCK DIAGRAM
+
-
+
-
470μF
470nF
100nF
300K
VAROUT_L
3
4
7
5
8
1
11
2
13
15
14
9
10
12
+5V
VOLUME
SVR
INL
S_GND
VOLUME
470nF
INR
1000μF
OUTL
MUTE
1μF
10K
60K
30K
30K
VOLUME
VAROUT_R
VSS
PW_GND
PW_GND
STBY
OUTR
1000μF
S2 MUTE
S1 ST-BY
+5V
+5V
S_GND
OP AMP
OP AMP
MUTE/STBY
PROTECTIONS
TSD


Numéro de pièce similaire - TDA8496L-J15-B-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA8496L-J15-B-T UTC-TDA8496L-J15-B-T Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496L-J15-B-T UTC-TDA8496L-J15-B-T Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496L-J15-B-T UTC-TDA8496L-J15-B-T Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Description similaire - TDA8496L-J15-B-T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
STA543SA STMICROELECTRONICS-STA543SA Datasheet
523Kb / 23P
   Triple Amplifier with DC Volume Control
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
   10W AMPLIFIER WITH DC VOLUME CONTROL
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
   2 AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com