Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3116D2-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPA3116D2-Q1
Description  TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3116D2-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPA3116D2-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 9Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 10Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 11Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 12Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Frequency (Hz)
0.002
0.01
0.1
0.5
20
100
1k
10k
20k
D012
PO = 1 W
PO = 2.5 W
PO = 5 W
Frequency (Hz)
-50
-500
-40
-400
-30
-300
-20
-200
-10
-100
0
0
10
100
20
200
30
300
20
100
1k
10k
100k
D014
Gain
Phase
Output Power (W)
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
D010
PVCC = 6V
PVCC = 12 V
PVCC = 14.4 V
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
20
100
1k
10k
20k
D011
Right to Left
Left to Right
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
Typical Characteristics (continued)
fs = 400 kHz, BD mode (unless otherwise noted)
Gain = 26 dB
TA = 25°C
RL = 4 Ω
Gain = 26 dB
PVCC = 12 V
TA = 25°C
10-µH + 0.68-µF filter
RL = 4 Ω
10-µH + 0.68-µF filter
Figure 8. Power Efficiency (BTL) vs Output Power
Figure 9. Crosstalk vs Frequency
Gain = 26 dB
PVCC = 14.4 V
TA = 25°C
PVCC = 14.4 V
TA = 25°C
RL = 4 Ω
RL = 4 Ω
22-µH + 1-µF filter
22-µH + 3.3-µF filter
Figure 10. Total Harmonic Distortion + Noise (BTL) vs
Figure 11. Gain and Phase (BTL) vs Frequency
Frequency
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Numéro de pièce similaire - TPA3116D2-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3116D2-Q1 TI1-TPA3116D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
More results

Description similaire - TPA3116D2-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3116D2-Q1 TI1-TPA3116D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com