Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3116D2-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPA3116D2-Q1
Description  TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3116D2-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPA3116D2-Q1_15 Datasheet HTML 1Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 2Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 3Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3116D2-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Thermal
Pad
1
MODSEL
32
PVCC
2
SD
31
PVCC
3
FAULT
30
BSPR
4
RINP
29
OUTPR
5
RINN
28
GND
6
PLIMIT
27
OUTNR
7
GVDD
26
BSNR
8
GAIN/SLV
25
GND
9
GND
24
BSPL
10
LINP
23
OUTPL
11
LINN
22
GND
12
MUTE
21
OUTNL
13
AM2
20
BSNL
14
AM1
19
PVCC
15
AM0
18
PVCC
16
SYNC
17
AVCC
Thermal
Pad
1
MODSEL
32
PVCC
2
SD
31
PVCC
3
FAULT
30
BSPR
4
RINP
29
OUTPR
5
RINN
28
GND
6
PLIMIT
27
OUTNR
7
GVDD
26
BSNR
8
GAIN/SLV
25
GND
9
GND
24
BSPL
10
LINP
23
OUTPL
11
LINN
22
GND
12
MUTE
21
OUTNL
13
AM2
20
BSNL
14
AM1
19
PVCC
15
AM0
18
PVCC
16
SYNC
17
AVCC
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
5 Pin Configuration and Functions
DAD PowerPAD™ Package
32-Pin HTSSOP With Exposed Thermal Pad Up
TPA3116D2-Q1 Top View
DAP PowerPAD Package
32-Pin HTSSOP With Exposed Thermal Pad Down
TPA3118D2-Q1 Top View
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Numéro de pièce similaire - TPA3116D2-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3116D2-Q1 TI1-TPA3116D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
More results

Description similaire - TPA3116D2-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3116D2-Q1 TI1-TPA3116D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com