Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC2G66 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74AUC2G66
Description  DUAL BILATERAL ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G66 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AUC2G66_15 Datasheet HTML 1Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 2Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 3Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 4Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 5Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 6Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 7Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 8Page - Texas Instruments SN74AUC2G66_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Analog Switch Characteristics
SN74AUC2G66
DUAL BILATERAL ANALOG SWITCH
SCES507A – NOVEMBER 2003 – REVISED JANUARY 2007
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 5)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tpd(1)
A or B
B or A
1
0.6
0.5
0.5
0.4
ns
ten
C
A or B
5
0.5
3
0.5
2.1
0.5
0.9
1.6
0.5
1.4
ns
tdis
C
A or B
5.3
0.5
4
0.5
3
0.5
2.6
3.3
0.5
2.7
ns
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 5)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tpd(1)
A or B
B or A
0.7
0.7
ns
ten
C
A or B
0.5
1.6
2.7
0.5
2.3
ns
tdis
C
A or B
0.5
2.7
3.4
0.5
2
ns
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
T
A = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
0.8 V
101
1.1 V
150
CL = 50 pF, RL = 600 Ω,
fin = sine wave
1.4 V
175
(see Figure 6)
1.65 V
250
2.3 V
400
Frequency response
A or B
B or A
MHz
(switch ON)
0.8 V
450
1.1 V
>500
CL = 5 pF, RL = 50 Ω,
fin = sine wave
1.4 V
>500
(see Figure 6)
1.65 V
>500
2.3 V
>500
0.8 V
–60
1.1 V
–60
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
–60
(see Figure 7)
1.65 V
–60
2.3 V
–60
Crosstalk
A or B
B or A
dB
(between switches)
0.8 V
–65
1.1 V
–65
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
1.4 V
–65
(see Figure 7)
1.65 V
–65
2.3 V
–65
4
Submit Documentation Feedback


Numéro de pièce similaire - SN74AUC2G66_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G66DCTR TI-SN74AUC2G66DCTR Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCTR TI-SN74AUC2G66DCTR Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCTRE4 TI-SN74AUC2G66DCTRE4 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCUR TI-SN74AUC2G66DCUR Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66DCUR TI-SN74AUC2G66DCUR Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

Description similaire - SN74AUC2G66_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com