Moteur de recherche de fiches techniques de composants électroniques |
|
TDM3062 Fiches technique(PDF) 1 Page - Solid State Optronic |
|
TDM3062 Fiches technique(HTML) 1 Page - Solid State Optronic |
1 / 8 page © 2013 Solid State Optronics • San José, CA www.ssousa.com • +1.408.293.4600 TDM3062 /TR Rev 2.00 (11/12/2013) 001669 Page 1 of 8 TDM3062 Zero Volt Switching 600V Triac Driver Description The TDM3062 consists of a single input LED optically coupled to a zero-volt crossing high voltage triac driver. The TDM3062 provides high input-to-output isolation and is designed to drive high-powered triacs. The TDM3062 provides an optically isolated method of interfacing logic level control signals to equipment powered from AC lines rated at 120V to 240V. The TDM3062 comes standard in a miniature 4 pin SOP package. Schematic Diagram Agency Approvals UL / C-UL: File # E201932 VDE: File # 40035191 (EN 60747-5-2) Applications Home Appliances Motor / Drive Controls Solid State Relays Solenoid / Valve Controls Temperature Controls Absolute Maximum Ratings The values indicated are absolute stress ratings. Functional operation of the device is not implied at these or any conditions in excess of those defined in electrical characteristics section of this document. Exposure to absolute Maximum Ratings may cause permanent damage to the device and may adversely affect reliability. Storage Temperature …………………………..-55 to +125°C Operating Temperature …….………...………-40 to +100°C Continuous Input Current………………………………..50mA Transient Input Current ………………….……………..500mA Reverse Input Control Voltage …………..…………………5V Input Power Dissipation…………………………………70mW Total Power Dissipation ……………………………..170mW Solder Temperature – Wave (10sec)……………….….260°C Solder Temperature – IR Reflow (10sec)….…………..260°C Ordering Information Part Number Description TDM3062 4 pin SOP, (100/Tube) TDM3062-TR 4 pin SOP, Tape and Reel (2000/Reel) Features Ultra Miniature 4-Pin Small Outline Package Zero Volt Switching 600V Blocking Voltage Low Trigger Current (10mA MAX) High Input-to-Output Isolation (3.75kVRMS) Long Life / High Reliability RoHS / Pb-Free / REACH Compliant NOTES: Suffixes listed above are not included in marking on device for part number identification |
Numéro de pièce similaire - TDM3062 |
|
Description similaire - TDM3062 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |