Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDM3022 Fiches technique(PDF) 1 Page - Solid State Optronic

No de pièce TDM3022
Description  Ultra Miniature 4-Pin Small Outline Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TDM3022 Fiches technique(HTML) 1 Page - Solid State Optronic

  TDM3022 Datasheet HTML 1Page - Solid State Optronic TDM3022 Datasheet HTML 2Page - Solid State Optronic TDM3022 Datasheet HTML 3Page - Solid State Optronic TDM3022 Datasheet HTML 4Page - Solid State Optronic TDM3022 Datasheet HTML 5Page - Solid State Optronic TDM3022 Datasheet HTML 6Page - Solid State Optronic TDM3022 Datasheet HTML 7Page - Solid State Optronic TDM3022 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
TDM3022 /TR
Rev 2.00 (11/12/2013)
001684
Page 1 of 8
TDM3022
Random Phase Switching
400V
Triac Driver
Description
The TDM3022 consists of a GaAs LED optically coupled to
a Random Phase photo-sensitive Triac Driver chip. The
miniature 4 pin SOP package provides high input-to-output
isolation and drives high powered triacs while using very
little board space. Typical uses include interfacing logic
level control signals to equipment powered from 110VAC
lines.
The TDM3022 comes standard in a miniature 4 pin SOP
package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Home Appliances
Motor / Drive Controls
Solid State Relays
High Power Triacs
Dimmer Controls
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …….………...………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………70mW
Total Power Dissipation ……………………………..170mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
TDM3022
4 pin SOP, (100/Tube)
TDM3022-TR
4 pin SOP, Tape and Reel (2000/Reel)
Features
Ultra Miniature 4-Pin Small Outline Package
Random Phase Switching
400V Blocking Voltage
Low Trigger Current (10mA MAX)
High Input-to-Output Isolation (3.75kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTES: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
4
(+) Input
(-) Input
(-/+) Load
(+/- Load)
TDM3022
Random
Phase
Circuit


Numéro de pièce similaire - TDM3022

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
More results

Description similaire - TDM3022

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
   Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
   Ultra miniature 4-pin small outline package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3042 SSOUSA-TDM3042 Datasheet
377Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3081 SSOUSA-TDM3081 Datasheet
376Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3043 SSOUSA-TDM3043 Datasheet
385Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com