Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA4217 Fiches technique(PDF) 4 Page - Solid State Optronic

No de pièce SMA4217
Description  Low Input Control Current (5mA MAX)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SMA4217 Fiches technique(HTML) 4 Page - Solid State Optronic

  SMA4217 Datasheet HTML 1Page - Solid State Optronic SMA4217 Datasheet HTML 2Page - Solid State Optronic SMA4217 Datasheet HTML 3Page - Solid State Optronic SMA4217 Datasheet HTML 4Page - Solid State Optronic SMA4217 Datasheet HTML 5Page - Solid State Optronic SMA4217 Datasheet HTML 6Page - Solid State Optronic SMA4217 Datasheet HTML 7Page - Solid State Optronic SMA4217 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 8
SMA4217 /TR
Rev 2.00 (03/05/2014)
001804
SMA4217
1 Form A
60V / 5Ω
MOSFET Output Solid State Relay
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
SMA4217 Solder Reflow Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence


Numéro de pièce similaire - SMA4217

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
   Oscillator IC for Laser Diode Noise Suppression Applications
logo
Solid State Optronic
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
logo
STMicroelectronics
SMA427A STMICROELECTRONICS-SMA427A Datasheet
92Kb / 6P
   50 ohm / 50ohm Low Noise Amplifier
SMA427ATR STMICROELECTRONICS-SMA427ATR Datasheet
92Kb / 6P
   50 ohm / 50ohm Low Noise Amplifier
SMA428A STMICROELECTRONICS-SMA428A Datasheet
103Kb / 8P
   High Gain, Low Noise Amplifier
More results

Description similaire - SMA4217

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
   Trigger Current (5mA MAX)
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
   Low Input Control Current
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com