Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA4123 Fiches technique(PDF) 4 Page - Solid State Optronic

No de pièce SMA4123
Description  Low Input Control Current (1.5mA TYP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SMA4123 Fiches technique(HTML) 4 Page - Solid State Optronic

  SMA4123 Datasheet HTML 1Page - Solid State Optronic SMA4123 Datasheet HTML 2Page - Solid State Optronic SMA4123 Datasheet HTML 3Page - Solid State Optronic SMA4123 Datasheet HTML 4Page - Solid State Optronic SMA4123 Datasheet HTML 5Page - Solid State Optronic SMA4123 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMA4123
1 Form A
60V / 200m
MOSFET Output Solid State Relay
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
SMA4123 Solder Reflow Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 6
SMA4123
Rev 2.00 (09/05/2014)
002159


Numéro de pièce similaire - SMA4123

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
SMA4122 SSOUSA-SMA4122 Datasheet
222Kb / 6P
   DC MOSFET Output Solid State Relay
SMA4124 SSOUSA-SMA4124 Datasheet
223Kb / 6P
   High Load Current (1A MAX Continuous)
More results

Description similaire - SMA4123

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com