Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC5301 Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce UC5301
Description  SWITCHED-CAPACITOR VOLTAGE INVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC5301 Fiches technique(HTML) 3 Page - Unisonic Technologies

  UC5301_15 Datasheet HTML 1Page - Unisonic Technologies UC5301_15 Datasheet HTML 2Page - Unisonic Technologies UC5301_15 Datasheet HTML 3Page - Unisonic Technologies UC5301_15 Datasheet HTML 4Page - Unisonic Technologies UC5301_15 Datasheet HTML 5Page - Unisonic Technologies UC5301_15 Datasheet HTML 6Page - Unisonic Technologies UC5301_15 Datasheet HTML 7Page - Unisonic Technologies UC5301_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC5301
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-602.C
ABSOLUTE MAXIMUM RATING (TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
IN to GND Voltage
VIN
-0.3V ~ +5.5V
V
OUT to GND Voltage
VOUT
-5.5V ~ +0.3V
V
C1+ to GND Voltage
VC+
-0.3V ~ (VIN+0.3V)
V
C1- to GND Voltage
VC-
(VOUT -0.3V) ~ +0.3V
V
OUT Output Current
IOUT
100mA
mA
Operating Temperature
TOPR
-40°C ~ 85°C
°C
OUT Short Circuit to GND
Indifinite
Storage Temperature
TS
-65°C ~ 150°C
°C
Junction Temperature
TJ
150°C
°C
Notes: 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
1.Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.Human body model is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
C/W
ELECTRICAL CHARACTERISTICS
(VIN=+3.3V/5.0V, C1 = C2 = C3= 1µF, TA= -40 ~ 85°C unless otherwise specified. Typical values is at TA=25°C.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
RLOAD=10kΩ
1.8
5
V
Supply Current
IQ
VIN=+3.3V, TA=25°C
0.42
0.5
mA
VIN=+5.0V, TA=25°C
0.9
Charge Pump Frequency
FSW
VIN=3.3V
200
250
300
kHz
VIN=5.0V
260
Output Resistance (Note)
ROUT
VIN=3.3V, ILOAD=5mA
9
VIN=5.0V, ILOAD=5mA
9.5
Output Ripple
VRIPPLE
VIN=3.3V, ILOAD=5mA
13
mVP-P
VIN=3.3V, ILOAD=25mA
55
VIN=5.0V, ILOAD=5mA
23
VIN=5.0V, ILOAD=25mA
96
Voltage Conversion Efficiency
VIN=3.3V/5.0V No Load
99
%
Power Efficiency
VIN=3.3V, ILOAD=5mA
93
%
VIN=5.0V, ILOAD=10mA
90
%
Note: Capacitor contribution (ESR component plus (1/FSW)・C) is approximately 20% of output.


Numéro de pièce similaire - UC5301_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC5301G-S08-R UTC-UC5301G-S08-R Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301L-S08-R UTC-UC5301L-S08-R Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
More results

Description similaire - UC5301_15

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 2; 4/97
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
   Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
   Switched-Capacitor Voltage Inverters
2004
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
   Switched-Capacitor Voltage Inverters with Shutdown
logo
Maxim Integrated Produc...
MAX1719 MAXIM-MAX1719 Datasheet
568Kb / 8P
   SOT23, Switched-Capacitor Voltage Inverters with Shutdown
Rev 2; 4/04
logo
Linear Technology
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8