Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1203 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Fiches technique(HTML) 5 Page - Texas Instruments

  AMC1203_15 Datasheet HTML 1Page - Texas Instruments AMC1203_15 Datasheet HTML 2Page - Texas Instruments AMC1203_15 Datasheet HTML 3Page - Texas Instruments AMC1203_15 Datasheet HTML 4Page - Texas Instruments AMC1203_15 Datasheet HTML 5Page - Texas Instruments AMC1203_15 Datasheet HTML 6Page - Texas Instruments AMC1203_15 Datasheet HTML 7Page - Texas Instruments AMC1203_15 Datasheet HTML 8Page - Texas Instruments AMC1203_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AMC1203
www.ti.com
SBAS427C
– FEBRUARY 2008 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +105°C, VDD1 = 4.5V to 5.5V, VDD2 = 4.5V to 5.5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with
OSR = 256, unless otherwise noted.
AMC1203
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY
AMC1203
±3
±9
LSB
INL
Integral linearity error(2)
AMC1203B
±2
±6
LSB
DNL
Differential nonlinearity(3)
–1
+1
LSB
VOS
Offset error(4)
–1
±0.1
1
mV
TCVOS
Offset error thermal drift
±1.5
±5
μV/°C
AMC1203
–2
±0.2
2
%
GERR
Gain error
AMC1203B
–1
±0.2
1
%
TCGERR
Gain error thermal drift
±20
ppm/
°C
PSRR
Power-supply rejection ratio
80
dB
ANALOG INPUTS
FSR
Full-scale differential voltage input range
(VIN+) – (VIN–)
–320
320
mV
VCM
Operating common-mode signal(3)
–0.1
5
V
CI
Input capacitance to GND1
VIN+ or VIN–
3
pF
CID
Differential input capacitance
6
pF
RID
Differential input resistance
28
k
IIL
Input leakage current
–5
5
nA
CMTI
Common-mode transient immunity
VCM = 1kV
15
kV/
μs
VIN from 0V to 5V at 0Hz
92
dB
CMRR
Common-mode rejection ratio
VIN from 0V to 5V at 50kHz
105
dB
INTERNAL CLOCK
tCLK
Clock period
See Figure 2
83.33
100
125
ns
fCLK
Clock frequency
See Figure 2
8
10
12
MHz
tH
Clock high-time
See Figure 2
(tCLK/2) – 8
50
(tCLK/2) + 8
ns
tD1
Data valid time after falling edge of clock
See Figure 2
–2
0
2
ns
AC ACCURACY
SINAD
Signal-to-noise + distortion
fIN = 1kHz
80
85
dB
SNR
Signal-to-noise ratio
fIN = 1kHz
80.5
85
dB
AMC1203, fIN = 1kHz
–92
–84.5
dB
THD
Total harmonic distortion
AMC1203B, fIN = 1kHz
–95
–88
AMC1203, fIN = 1kHz
86
92
dB
SFDR
Spurious-free dynamic range
AMC1203B, fIN = 1kHz
89
95
(1)
All typical values are at TA = +25°C
(2)
Integral nonlinearity is defined as the maximum deviation of the line through the inputs of the specified input range of the transfer curve
of the specified VIN expressed either as number of LSBs, or as a percent of the specified 560mV input range.
(3)
Ensured by design.
(4)
Maximum values, including temperature drift, are ensured over the full specified temperature range.
Copyright
© 2008–2011, Texas Instruments Incorporated
5


Numéro de pièce similaire - AMC1203_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1203B TI1-AMC1203B Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1203B TI1-AMC1203B Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1203BDUB TI-AMC1203BDUB Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDUBR TI-AMC1203BDUBR Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDW TI-AMC1203BDW Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Description similaire - AMC1203_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com