Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRS26302DPBF Fiches technique(PDF) 14 Page - International Rectifier

No de pièce IRS26302DPBF
Description  FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRS26302DPBF Fiches technique(HTML) 14 Page - International Rectifier

Back Button IRS26302DPBF_15 Datasheet HTML 10Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 11Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 12Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 13Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 14Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 15Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 16Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 17Page - International Rectifier IRS26302DPBF_15 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
IRS26302DJ
www.irf.com
© 2009 International Rectifier
14
Lead Definitions
Symbol
Description
VSDC
GF supply return
GF
GF analog input for DC + overcurrent shutdown. When active, GF shuts down outputs and
activates FAULT and RCIN low. When GF becomes inactive, FAULT stays active low for an
externally set time tFLTCLR, then automatically becomes inactive (open-drain high impedance).
VDC
GF comparator supply (DC bus)
HIN1,2,3
Logic inputs for high side gate driver outputs (HO1,2,3), in phase
LIN1,2,3
Logic input for low side gate driver outputs (LO1,2,3), in phase
PFCTRIP//BRTRIP
Analog input for PCF overcurrent shutdown. When active, GF shuts down outputs and activates
FAULT and RCIN low. When PFCTRIP//BRTRIP becomes inactive, FAULT stays active low for an
externally set time tFLTCLR, then automatically becomes inactive (open-drain high impedance).
PFCOUT/BROUT
PFC/Brake output
PFCIN/BRIN
Input, PFC/Brake, active high
FAULT/EN
Open Drain and input, act high
ITRIP
Analog input for DC – over-current shutdown. When active, ITRIP shuts down outputs and
activates FAULT and RCIN low. When ITRIP becomes inactive, FAULT stays active low for an
externally set time tFLTCLR, then automatically becomes inactive (open-drain high impedance).
RCIN
An external RC network input used to define the FAULT CLEAR delay (tFLTCLR) approximately
equal to R*C. When RCIN > 8 V, the FAULT pin goes back into an open-drain high-impedance
state.
VSS
Logic ground
COM
Power ground & Analog input (ITRIP)
LO1,2,3
Low side driver outputs
VCC
Low side supply voltage
VS1,2,3
High voltage floating supply return
HO1,2,3
High side driver outputs
VB1,2,3
High side floating supply


Numéro de pièce similaire - IRS26302DPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRS26302DPBF IRF-IRS26302DPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
More results

Description similaire - IRS26302DPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRS26302DJPBF IRF-IRS26302DJPBF Datasheet
802Kb / 51P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DPBF IRF-IRS26302DPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DJPBF IRF-IRS26302DJPBF_1 Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
logo
Infineon Technologies A...
IRS26302DJPBF INFINEON-IRS26302DJPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE
Data Sheet No. PD 60321A
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
   3-Phase Half Bridge Gate Driver
logo
Diodes Incorporated
DGD0636M DIODES-DGD0636M Datasheet
665Kb / 12P
   3-PHASE HALF-BRIDGE GATE DRIVER IN SO28
Rev. 1 - 2 February 2019
logo
Nihon Inter Electronics...
PGH NIEC-PGH Datasheet
796Kb / 10P
   3-phase diode bridge plus thyristor
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com