Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3843BL-D08-T Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce UC3843BL-D08-T
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843BL-D08-T Fiches technique(HTML) 7 Page - Unisonic Technologies

Back Button UC3843BL-D08-T Datasheet HTML 3Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 4Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 5Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 6Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 7Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 8Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 9Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 10Page - Unisonic Technologies UC3843BL-D08-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R103-012.F
APPLICATION INFORMATION(Cont.)
Current Sense Circuit
Peak current (IS) is equaled:
IS(MAX)=1.0V/RS
There should be a small RC filter to suppress switch transients.
Oscillator Waveforms and Maximum Duty Cycle
8
5
4
VREF
RT/RC
GND
CT
RT
INTERINAL CLOCK
INTERINAL CLOCK
V4
V4
LARGE RT
SMALL CT
SMALL CT
LARGE RT
CT (Oscillator timing capacitor) can be charged by VREF through RT and discharged by an internal current source.
At discharge time, the internal clock signal blanks the output to the low. Both oscillator frequency and maximum duty
cycle can be determined by Selection of RT and CT. All charge and discharge times can be calculated by the next
formulas:
tC=0.55 RT CT
tD=RTCTIN


4
0.0063R
2.7
0.0063R
T
T


Numéro de pièce similaire - UC3843BL-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3843BL-D08-T UTC-UC3843BL-D08-T Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3843BL-D08-T UTC-UC3843BL-D08-T Datasheet
439Kb / 10P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Description similaire - UC3843BL-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com